Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6403-IGTR Datasheet(PDF) 10 Page - Teridian Semiconductor Corporation

Part # 71M6403-IGTR
Description  Electronic Trip Unit
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6403-IGTR Datasheet(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button 71M6403-IGTR Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 13Page - Teridian Semiconductor Corporation 71M6403-IGTR Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
71M6403
Electronic Trip Unit
SEPTEMBER 2006
Page: 10 of 75
© 2006 TERIDIAN Semiconductor Corporation
REV 1.0
The general topology of a chopped amplifier is given in Figure 2.
G
-
+
V
inp
V
outp
V
outn
V
inn
CROSS
A
B
A
B
A
B
A
B
Figure 2: General Topology of a Chopped Amplifier
It is assumed that an offset voltage Voff appears at the positive amplifier input. With all switches, as controlled by CROSS in the
“A” position, the output voltage is:
Voutp – Voutn = G (Vinp + Voff – Vinn) = G (Vinp – Vinn) + G Voff
With all switches set to the “B” position by applying the inverted CROSS signal, the output voltage is:
Voutn – Voutp = G (Vinn – Vinp + Voff) = G (Vinn – Vinp) + G Voff, or
Voutp – Voutn = G (Vinp – Vinn) - G Voff
Thus, when CROSS is toggled, e.g. after each multiplexer cycle, the offset will alternately appear on the output as positive and
negative, which results in the offset effectively being eliminated, regardless of its polarity or magnitude.
The Functional Description Section contains a chapter with a detailed description on controlling the CHOP_ENA register.
Temperature Sensor
The 71M6403 includes an on-chip temperature sensor implemented as a bandgap reference. It is used to determine the die
temperature. The MPU may request an alternate multiplexer cycle containing the temperature sensor output by asserting
MUX_ALT.
Reading the internal temperature sensor requires enabling the alternate multiplexer cycle. The alternate multiplexer cycle then
displaces a normal I0-I5 current sensors acquisition cycle. Therefore, detection of an over current event may be delayed.
INEUTRAL
INEUTRAL is an analog monitor input that can be used for additional analog measurements, such as neutral current. It is
sampled when the multiplexer performs an alternate multiplexer cycle. The zero reference for the INEUTRAL input is VBIAS.
INEUTRAL is also routed into the comparator block where it is compared to VBIAS. External interrupt 2 should be disabled when
the INEUTRAL input is used for analog measurements.


Similar Part No. - 71M6403-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403-IGT TERIDIAN-71M6403-IGT Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403-IGT/F TERIDIAN-71M6403-IGT/F Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403-IGTF TERIDIAN-71M6403-IGTF Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
More results

Similar Description - 71M6403-IGTR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
logo
Schneider Electric
MGL36600SN SCHNEIDER-MGL36600SN Datasheet
144Kb / 2P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip
MGL36800SN SCHNEIDER-MGL36800SN Datasheet
144Kb / 2P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip
MGL36400SA SCHNEIDER-MGL36400SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 400A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36600SA SCHNEIDER-MGL36600SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36800SA SCHNEIDER-MGL36800SA Datasheet
168Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MGL36500SA SCHNEIDER-MGL36500SA Datasheet
168Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 500A, 3 pole, 18 kA, 600 VAC, shunt trip 120V
MJL36600SA SCHNEIDER-MJL36600SA Datasheet
167Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 600A, 3 pole, 25 kA, 600 VAC, shunt trip 120V
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
logo
Schneider Electric
MGL36800AASA SCHNEIDER-MGL36800AASA Datasheet
169Kb / 3P
   Circuit Breaker, PowerPact M, electronic trip, unit mount, 800A, 3 pole, 18 kA, 600 VAC, aux switch, shunt trip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com