Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6521DE Datasheet(PDF) 10 Page - Teridian Semiconductor Corporation

Part # 71M6521DE
Description  Energy Meter IC
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6521DE Datasheet(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button 71M6521DE Datasheet HTML 6Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 7Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 8Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 9Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 10Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 11Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 12Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 13Page - Teridian Semiconductor Corporation 71M6521DE Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 101 page
background image
71M6521DE/71M6521FE
Energy Meter IC
DATASHEET
JANUARY 2008
Page: 10 of 101
© 2005-2008 TERIDIAN Semiconductor Corporation
v1.0
Regular MUX Sequence
ALT MUX Sequence
Mux State
Mux State
EQU
0
1
2
3
0
1
2
3
0, 1, 2
IA
VA
IB
VB
TEMP
VA
IB
VBAT
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles
In a typical application, IA and IB are connected to current transformers that sense the current on each phase of the line
voltage. VA and VB are typically connected to voltage sensors through resistor dividers.
The multiplexer control circuit handles the setting of the multiplexer. The function of the control circuit is governed by the I/O
RAM registers MUX_ALT, MUX_DIV and EQU. MUX_DIV controls the number of samples per cycle. It can request 2, 3, or 4
multiplexer states per cycle. Multiplexer states above 4 are reserved and must not be used. The multiplexer always starts at
the beginning of its list and proceeds until MUX_DIV states have been converted.
The MUX_ALT bit requests an alternative multiplexer frame. The bit may be asserted on any MPU cycle and may be
subsequently de-asserted on any cycle including the next one. A rising edge on MUX_ALT will cause the multiplexer control
circuit to wait until the next multiplexer cycle and implement a single alternate cycle.
The multiplexer control circuit also controls the FIR filter initiation and the chopping of the ADC reference voltage, VREF. The
multiplexer control circuit is clocked by CK32, the 32768Hz clock from the PLL block, and launches with each new pass of the
CE program.
A/D Converter (ADC)
A single delta-sigma A/D converter digitizes the voltage and current inputs to the 71M6521DE/FE. The resolution of the ADC is
programmable using the FIR_LEN register as shown in the I/O RAM section. ADC resolution can be selected to be 21 bits
(FIR_LEN=0), or 22 bits (FIR_LEN=1). Conversion time is two cycles of CK32 with FIR_LEN = 0 and three cycles with FIR_LEN
= 1.
In order to provide the maximum resolution, the ADC should be operated with FIR_LEN = 1. Accuracy and timing
specifications in this data sheet are based on FIR_LEN = 1.
Initiation of each ADC conversion is controlled by the multiplexer control circuit as described previously. At the end of each
ADC conversion, the FIR filter output data is stored into the CE DRAM location determined by the multiplexer selection.
FIR Filter
The finite impulse response filter is an integral part of the ADC and it is optimized for use with the multiplexer. The purpose of
the FIR filter is to decimate the ADC output to the desired resolution. At the end of each ADC conversion, the output data is
stored into the fixed CE DRAM location determined by the multiplexer selection. FIR data is stored LSB justified, but shifted left
by nine bits.
Voltage References
The device includes an on-chip precision bandgap voltage reference that incorporates auto-zero techniques. The reference is
trimmed to minimize errors caused by component mismatch and drift. The result is a voltage output with a predictable
temperature coefficient.
The amplifier within the reference is chopper stabilized, i.e. the polarity can be switched by the MPU using the I/O RAM
register CHOP_E (0x2002[5:4]). The two bits in the CHOP_E register enable the MPU to operate the chopper circuit in regular
or inverted operation, or in “toggling” mode. When the chopper circuit is toggled in between multiplexer cycles, DC offsets on
the measured signals will automatically be averaged out.
The general topology of a chopped amplifier is given in Figure 2.


Similar Part No. - 71M6521DE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
71M6521DE MAXIM-71M6521DE Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521DE MAXIM-71M6521DE Datasheet
2Mb / 107P
   Energy Meter ICs
2012
71M6521DE-IGT/F MAXIM-71M6521DE-IGT/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521DE-IGTR/F MAXIM-71M6521DE-IGTR/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
71M6521DE-IM/F MAXIM-71M6521DE-IM/F Datasheet
1Mb / 107P
   Energy Meter ICs
Rev 2; 11/11
More results

Similar Description - 71M6521DE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6531D TERIDIAN-71M6531D_10 Datasheet
2Mb / 120P
   Energy Meter IC
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
logo
Maxim Integrated Produc...
71M6531D MAXIM-71M6531D Datasheet
2Mb / 121P
   Energy Meter IC
2012
logo
Teridian Semiconductor ...
71M6521BE TERIDIAN-71M6521BE Datasheet
1Mb / 97P
   Energy Meter IC
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
   Single Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
   Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
   Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
   Single Phase Energy Meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com