Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K222AL Datasheet(PDF) 4 Page - Teridian Semiconductor Corporation

Part # 73K222AL
Description  Single-Chip Modem
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73K222AL Datasheet(HTML) 4 Page - Teridian Semiconductor Corporation

  73K222AL Datasheet HTML 1Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 2Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 3Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 4Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 5Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 6Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 7Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 8Page - Teridian Semiconductor Corporation 73K222AL Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
73K222AL
V.22, V.21, Bell 212A, 103
Single-Chip Modem
DATA SHEET
Page: 4 of 27
© 2007 TERIDIAN Semiconductor Corporation
Rev 6.1
PIN DESCRIPTION
POWER
NAME
28-PIN
TYPE
DESCRIPTION
GND
28
I
System Ground.
VDD
15
I
Power supply input, 5V ±10%. Bypass with 0.1 and 22 µF capacitors to
GND.
VREF
26
O
An internally generated reference voltage. Bypass with 0.1 µF
capacitor to ground.
ISET
24
I
Chip current reference. Sets bias current for op-amps. The chip
current is set by connecting this pin to VDD through a 2 M
Ω resistor.
ISET should be bypassed to GND with a 0.1 µF capacitor.
PARALLEL MICROPROCESSOR INTERFACE
ALE
12
I
Address latch enable. The falling edge of ALE latches the address on
AD0-AD2 and the chip select on
CS.
AD0-AD7
4-11
I/O
Address/data bus. These bidirectional tri-state multiplexed lines carry
information to and from the internal registers.
CS
20
I
Chip select. A low on this pin during the falling edge of ALE allows a
read cycle or a write cycle to occur. AD0-AD7 will not be driven and no
registers will be written if
CS (latched) is not active. The state of CS is
latched on the falling edge of ALE.
CLK
1
O
Output clock. This pin is selectable under processor control to be either
the crystal frequency (for use as a processor clock) or 16 x the data
rate for use as a baud rate clock in DPSK modes only. The pin defaults
to the crystal frequency on reset.
INT
17
O
Interrupt. This open drain output signal is used to inform the processor
that a detect flag has occurred. The processor must then read the
detect register to determine which detect triggered the interrupt.
INT
will stay low until the processor reads the detect register or does a full
reset.
RD
14
I
Read. A low requests a read of the 73K222AL internal registers. Data
cannot be output unless both
RD and the latched CS are active or low.
RESET
25
I
Reset. An active high signal on this pin will put the chip into an inactive
state. All control register bits (CR0, CR1, Tone) will be reset. The
output of the CLK pin will be set to the crystal frequency. An internal
pull down resistor permits power on reset using a capacitor to VDD.


Similar Part No. - 73K222AL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K222AL-IGT TDK-73K222AL-IGT Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IH TDK-73K222AL-IH Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222AL-IP TDK-73K222AL-IP Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
More results

Similar Description - 73K222AL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com