Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K224L Datasheet(PDF) 5 Page - Teridian Semiconductor Corporation

Part # 73K224L
Description  Single-Chip Modem
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73K224L Datasheet(HTML) 5 Page - Teridian Semiconductor Corporation

  73K224L Datasheet HTML 1Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 2Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 3Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 4Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 5Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 6Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 7Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 8Page - Teridian Semiconductor Corporation 73K224L Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
73K224L
V.22bis, V.22, V.21, Bell 212A, 103
Single-Chip Modem
DATA SHEET
Page: 5 of 31
© 2005, 2008 TERIDIAN Semiconductor Corporation
Rev 7.1
DTE USER INTERFACE
NAME
TYPE
DESCRIPTION
EXCLK
I
External Clock. This signal is used in synchronous transmission when the
external timing option has been selected. In the external timing mode the rising
edge of EXCLK is used to strobe synchronous transmit data available on the
TXD pin. Also used for serial control interface.
RXCLK
O/
Tristate
Receive Clock. Tri stateable. The falling edge of this clock output is coincident
with the transitions in the serial received data output. The rising edge of RXCLK
can be used to latch QAM or DPSK valid output data. RXCLK will be active as
long as a carrier is present.
RXD
O/
Weak
Pull-up
Received Digital Data Output. Serial receive data is available on this pin. The
data is always valid on the rising edge of RXCLK when in synchronous mode.
RXD will output constant marks if no carrier is detected.
TXCLK
O/
Tristate
Transmit Clock. Tri stateable. This signal is used in synchronous transmission to
latch serial input data on the TXD pin. Data must be provided so that valid data is
available on the rising edge of the TXCLK. The transmit clock is derived from
different sources depending upon the synchronization mode selection. In Internal
Mode the clock is generated internally. In External Mode TXCLK is phase locked
to the EXCLK pin. In Slave Mode TXCLK is phase locked to the RXCLK pin.
TXCLK is always active.
TXD
I
Transmit Digital Data Input. Serial data for transmission is input on this pin. In
synchronous modes, the data must be valid on the rising edge of the TXCLK
clock. In asynchronous modes (2400/1200/600 bit/s or 300 baud) no clocking is
necessary. DPSK data must be +1%, -2.5% or +2.3%, -2.5 % in extended
overspeed mode.
ANALOG INTERFACE AND OSCILLATOR
RXA
I
Received modulated analog signal input from the phone line.
TXA
O
Transmit analog output to the phone line.
XTL1
I
These pins are for the internal crystal oscillator requiring a 11.0592 MHz parallel
mode crystal. Two capacitors from these pins to ground are also required for
proper crystal operation. Consult crystal manufacturer for proper values. XTL2
can also be driven from an external clock.
XTL2
I/O


Similar Part No. - 73K224L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-28IH TDK-73K224L-28IH Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-IGT TDK-73K224L-IGT Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-IH TDK-73K224L-IH Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
73K224L-IP TDK-73K224L-IP Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
More results

Similar Description - 73K224L

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com