Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K324BL Datasheet(PDF) 11 Page - Teridian Semiconductor Corporation

Part # 73K324BL
Description  Single-Chip Modem w/ Integrated Hybrid
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73K324BL Datasheet(HTML) 11 Page - Teridian Semiconductor Corporation

Back Button 73K324BL Datasheet HTML 7Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 8Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 9Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 10Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 11Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 12Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 13Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 14Page - Teridian Semiconductor Corporation 73K324BL Datasheet HTML 15Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
73K324BL
CCITT V.22bis,V.23,V.22,V.21, Bell 212A
Single-Chip Modem w/ Integrated Hybrid
DATA SHEET
Page: 11 of 34
© 2005, 2008 TERIDIAN Semiconductor Corporation
Rev 6.1
CONTROL REGISTER 0
D7
D6
D5
D4
D3
D2
D1
D0
CR0
000
MODUL.
OPTION
MODUL.
TYPE 1
MODUL.
TYPE 0
TRANSMIT
MODE 2
TRANSMIT
MODE 1
TRANSMIT
MODE 0
TRANSMIT
ENABLE
ANSWER/
ORIGINATE
BIT
NAME
CONDITION
DESCRIPTION
D0
Answer/
0
Selects answer mode (transmit in high band, receive
Originate
in low band) or in V.23 HDX mode, receive at 1200 bps
and transmit at 75 bps.
1
Selects originate mode (transmit in low band, receive in
high band) or in V.23 HDX mode, receive at 1200 bps
and transmit at 75 bps.
Note: This bit works with Tone Register bits D0 and D6
to program special tones detected in the Detect Register.
See Detect and Tone Registers.
D1
Transmit
0
Disables transmit output at TXA1 & TXA2
Enable
1
Enables transmit output at TXA1 & TXA2
Note: Transmit enable must be set to 1 to allow
activation of answer tone or DTMF.
D5,D4
Transmit
D5 D4 D3 D2
D3,D2
Mode
0
0
0
0
Selects Power down mode. All functions disabled except
digital interface.
0
0
0
1
Internal synchronous mode in this mode TXCLK is an
internally derived 600,1200 or 2400 Hz signal. Serial
input data appearing at TXD must be valid on the rising
edge of TXCLK. Receive data is clocked out of RXD on
the falling edge of RXCLK.
0
0
1
0
External synchronous mode. Operation is identical to
internal synchronous, but TXCLK is connected internally
to EXCLK pin, and a 600, 1200 or 2400 Hz clock must be
supplied externally.
0
0
1
1
Slave synchronous mode Same operation as other
synchronous modes TXCLK is connected internally to
the RXCLK pin in this mode.
0
1
0
0
Selects a synchronous mode 8 bits/character (1 start bit,
6 data bits, 1 stop bit).
0
1
0
1
Selects asynchronous mode - 9 bits/character (1 start bit,
7 data bits, 1 stop bit).
0
1
1
0
Selects asynchronous mode - 10 bits/character (1 start
bit, 8 data bits, 1 stop bit).
0
1
1
1
Selects asynchronous mode - 11 bits/character (1 start
bit, 8 data bits, 1 stop bit) or 2 stop bits)..
1
X
0
0
Selects FSK operation.


Similar Part No. - 73K324BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
logo
TDK Electronics
73K324BL TDK-73K324BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324BL-IGT ETC-73K324BL-IGT Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
73K324BL-IH ETC-73K324BL-IH Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
More results

Similar Description - 73K324BL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K224BL TERIDIAN-73K224BL Datasheet
207Kb / 33P
   Single-Chip Modem w/ Integrated Hybrid
logo
List of Unclassifed Man...
73K224BL ETC-73K224BL Datasheet
237Kb / 33P
   Single-Chip Modem w/ Integrated Hybrid
73K324BL ETC-73K324BL Datasheet
319Kb / 34P
   Single-Chip Modem w/Integrated Hybrid
logo
Infineon Technologies A...
VDSL5100I INFINEON-VDSL5100I Datasheet
607Kb / 2P
   Integrated Single-port VDSL Modem-on-Chip
2003-07-01
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com