Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K324L Datasheet(PDF) 5 Page - Teridian Semiconductor Corporation

Part # 73K324L
Description  Single-Chip Modem
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73K324L Datasheet(HTML) 5 Page - Teridian Semiconductor Corporation

  73K324L Datasheet HTML 1Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 2Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 3Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 4Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 5Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 6Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 7Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 8Page - Teridian Semiconductor Corporation 73K324L Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
73K324L
CCITT V.22bis,V.23,V.22,V.21, Bell 212A
Single-Chip Modem
DATA SHEET
Page: 5 of 30
© 2005, 2008 TERIDIAN Semiconductor Corporation
Rev 7.1
RS-232 INTERFACE
NAME
TYPE
DESCRIPTION
EXCLK
I
External Clock. This signal is used in synchronous transmission when the external
timing option has been selected. In the External Timing mode the rising edge of
EXCLK is used to strobe synchronous transmit data available on the TXD pin. Also
used for serial control interface.
RXCLK
O/Tristate
Receive Clock Tri-statable. The falling edge of this clock output is coincident with
the transitions in the serial received DPSK/QAM data output. The rising edge of
RXCLK can be used to latch the valid output data. RXCLK will be valid as long as
a carrier is present. In V.23 or V.21 mode a clock that is 16 x 1200/75 or 16 x 300
Hz data rate is output, respectively.
RXD
O/
Weak
Pull-up
Received Data Output. Serial receive data is available on this pin. The data is
always valid on the rising edge of RXCLK when in Synchronous mode. RXD will
output constant marks if no carrier is detected.
TXCLK
O/Tristate
Transmit Clock Tri-statable. This signal is used in synchronous DPSK/QAM
transmission to latch serial input data on the TXD pin. Data must be provided so
that valid data is available on the rising edge of the TXCLK. The transmit clock is
derived from different sources depending upon the Synchronization mode
selection. In Internal Mode the clock is generated internally (2400 Hz for QAM,
1200 Hz for DPSK or 600 Hz for half-speed DPSK). In External Mode TXCLK is
phase locked to the EXCLK pin. In Slave Mode TXCLK is phase locked to the
RXCLK pin. TXCLK is always active. In V.23 or V.21 mode the output is a 16 x
1200/75 or 16 x 300 Hz clock, respectively.
TXD
I
Transmit Data Input. Serial data for transmission is input on this pin. In
Synchronous modes, the data must be valid on the rising edge of the TXCLK
clock. In Asynchronous modes (2400/1200/600 bit/s, or 75/300 baud) no clocking
is necessary. DPSK/QAM data must be +1%, -2.5% or +2.3%, -2.5 % in Extended
Overspeed mode.
ANALOG INTERFACE
RXA
I
Received modulated analog signal input from the phone line.
TXA
O
Transmit analog output to the phone line.
XTL1
I
These pins are for the internal crystal oscillator requiring a 11.0592 MHz Parallel
mode crystal. Two capacitors from these pins to ground are also required for
proper crystal operation. Consult crystal manufacturer for proper values. XTL2 can
also be driven from an external clock.
XTL2
I/O


Similar Part No. - 73K324L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K324L TDK-73K324L Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L-28IH ETC-73K324L-28IH Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
73K324L-IGT ETC-73K324L-IGT Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
73K324L-IP ETC-73K324L-IP Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
More results

Similar Description - 73K324L

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com