Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M1903 Datasheet(PDF) 3 Page - Teridian Semiconductor Corporation

Part # 73M1903
Description  Modem Analog Front End
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73M1903 Datasheet(HTML) 3 Page - Teridian Semiconductor Corporation

  73M1903 Datasheet HTML 1Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 2Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 3Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 4Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 5Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 6Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 7Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 8Page - Teridian Semiconductor Corporation 73M1903 Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
DS_1903_032
73M1903 Data Sheet
Rev. 2.0
3
Figures
Figure 1: SCLK and
FS with SckMode = 0 ................................................................................................... 7
Figure 2: Control Frame Position versus SPOS ........................................................................................... 7
Figure 3: Serial Port Timing Diagram............................................................................................................ 9
Figure 4: Analog Block Diagram ................................................................................................................. 11
Figure 5: Clock Generation ......................................................................................................................... 17
Figure 6: Overall Receiver Frequency Response ....................................................................................... 19
Figure 7: Rx Passband Response .............................................................................................................. 19
Figure 8: RXD Spectrum of 1 kHz Tone ..................................................................................................... 20
Figure 9: RXD Spectrum of 0.5 kHz, 1 kHz, 2 kHz, 3 kHz and 3.5 kHz Tones of Equal Amplitudes ......... 20
Figure 10: Frequency Response of TX Path for DC to 4 kHz in Band Signal ............................................ 21
Figure 11: Serial Port Data Timing.............................................................................................................. 28
Figure 12: 32-Pin QFN Pinout..................................................................................................................... 33
Figure 13: 20-Pin TSSOP Pinout ................................................................................................................ 34
Figure 14: 32-Pin QFN Mechanical Specifications ..................................................................................... 35
Figure 15: 20-Pin TSSOP Mechanical Specifications................................................................................. 36
Figure 15: NCO Block Diagram .................................................................................................................. 41
Figure 16: PLL Block Diagram .................................................................................................................... 42
Tables
Table 1: Inputs Selected in Regular and Alternate Multiplexer Cycles ......................................................... 4
Table 2: Memory Map ................................................................................................................................... 8
Table 3: PLL Loop Filter Settings................................................................................................................ 11
Table 4: Kvco versus Settings at Vc=1.6 V, 25 °C...................................................................................... 13
Table 5: PLL Power Down .......................................................................................................................... 14
Table 6: Examples of NCO Settings ........................................................................................................... 14
Table 7: Clock Generation Register Settings for Fxtal = 27 MHz ............................................................... 15
Table 8: Clock Generation Register Settings for Fxtal = 24.576 MHz ........................................................ 16
Table 9: Clock Generation Register Settings for Fxtal = 9.216 MHz .......................................................... 16
Table 10: Clock Generation Register Settings for Fxtal = 24.000 MHz ...................................................... 17
Table 11: Clock Generation Register Settings for Fxtal = 25.35 MHz ........................................................ 17
Table 12: Receive Gain............................................................................................................................... 18
Table 13: Peak to RMS Ratios for Various Modulation Types.................................................................... 23
Table 14: Serial I/F Timing .......................................................................................................................... 28
Table 15: Reference Voltage Specifications ............................................................................................... 29
Table 16: Maximum Transmit Levels .......................................................................................................... 29
Table 17: Receiver Performance Specifications ......................................................................................... 30
Table 18: Transmitter Performance Specifications ..................................................................................... 31
Table 19: 32-Pin QFN Pin Definitions ......................................................................................................... 33
Table 20: 20-Pin TSSOP Pin Definitions .................................................................................................... 34


Similar Part No. - 73M1903

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903C TERIDIAN-73M1903C Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
73M1903C-IM/F TERIDIAN-73M1903C-IM/F Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903C-IMR/F TERIDIAN-73M1903C-IMR/F Datasheet
459Kb / 46P
   Modem Analog Front End
More results

Similar Description - 73M1903

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com