Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M1903C Datasheet(PDF) 3 Page - Teridian Semiconductor Corporation

Part # 73M1903C
Description  Modem Analog Front End
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73M1903C Datasheet(HTML) 3 Page - Teridian Semiconductor Corporation

  73M1903C Datasheet HTML 1Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 2Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 3Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 4Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 5Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 6Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 7Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 8Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
73M1903C
Modem Analog Front End
DATA SHEET
Page: 3 of 46
© 2005-2008 TERIDIAN Semiconductor Corporation
Rev 4.3
List of Figures
Figure 1: SCLK and
FS with SckMode=0.................................................................................................. 7
Figure 2: Control frame position vs. SPOS .............................................................................................. 7
Figure 3: Serial Port Timing Diagrams...................................................................................................... 8
Figure 4: 73M1903C Host connection in master and slave mode................................................................ 9
Figure 5: 73M1903C Daisy chaining for master/slave mode and slave modes .................................... 9
Figure 6: Clock Generation ......................................................................................................................... 17
Figure 7: Analog block diagram .................................................................................................................. 20
Figure 8: Overall TX path frequency response at 8kHz sample rate.......................................................... 21
Figure 9: Frequency response of TX path for DC to 4kHz in band signal at 8kHz sample rate........ 22
Figure 10: Overall receiver frequency response at 8kHz sample rate................................................. 25
Figure 11: Rx passband response at 8kHz sample rate........................................................................ 26
Figure 12: RXD Spectrum of 1kHz tone .................................................................................................. 27
Figure 13: RXD Spectrum of 0.5kHz, 1kHz, 2kHz, 3kHz and 3.5kHz tones of Equal Amplitudes...... 27
Figure 14: Serial Port Data Timing .......................................................................................................... 31
Figure 15: Typical DAA block diagram........................................................................................................ 37
Figure 16: Single transmitter arrangement ................................................................................................. 38
Figure 17: Dual transmitter arrangement .................................................................................................... 39
Figure 18: NCO block diagram ................................................................................................................... 40
Figure 19: PLL Block Diagram .................................................................................................................... 41


Similar Part No. - 73M1903C

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
More results

Similar Description - 73M1903C

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com