Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M2901CE Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 73M2901CE
Description  Single Chip Modem
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73M2901CE Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  73M2901CE Datasheet HTML 1Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 2Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 3Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 4Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 5Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 6Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 7Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 8Page - Teridian Semiconductor Corporation 73M2901CE Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
73M2901CE
V.22bis Single Chip Modem
Simplifying System Integration™
DATA SHEET
DS_2901CE_031
April 2009
Rev. 3.3
© 2009 Teridian Semiconductor Corporation
1
DESCRIPTION
The 73M2901CE low speed modem integrates a
data pump, controller, and analog front end in a
3.3 V device with a powerful "AT" command host
interface. The modem reduces external
component count/cost by incorporating many
features like parallel phone detect, Line-In-Use
and Ring detection in software without requiring
additional components.
The device is a "one chip fits all” solution for
applications including set-top boxes, point-of-sale
terminals, automatic teller machines, utility
meters, vending machines and smart card
readers.
Another distinctive feature of this device is pin
compatibility with Teridian’s flagship embedded
hard modems, the 73M2901CL, and the
73M1903 soft modem AFE. This offers
customers a cost effective method to design for
both hard or soft modem solutions in the same
system as a risk-free cost reduction path.
Complete support, modem reference designs
and error correction software are part of the
solution offered by Teridian. Our in-house
application engineering team is here to help
meet your international certification needs.
FEATURES
True one chip solution for embedded systems
As low as 9.5 mA operating with standby and
power down mode available
Power supply operation from 3.6 V to 2.7 V
Data modes and speeds:
V.22bis – 2400bps
V.22/Bell212 – 1200 bps
V.21/Bell103 – 300 bps
V.23 – 1200/75 bps (with PAVI turnaround)
Bell202 – 1200 bps
Bell202/V23 1200 bps FDX 4-wire operation
V.22/Bell 212A/V.22bis synchronous modes
International Call Progress support:
FCC part 68, CTR21, JATE, etc.
DTMF generation and detection
Worldwide Caller ID capability
U.S. Type I and II support
EIA 777A compliant
SIA-2000 compliant
SMS messaging support
On chip hybrid driver
Blacklisting capability
Line-In-Use and Parallel Pick-Up (911) detection
with voltage or low cost energy detection method
Incoming ring energy detection through CID
path; no optocoupler circuitry required
Manufacturing Self Test capability
Backward compatible with 73M2901CL
Packaging: 32 lead QFN, 32-pin TQFP


Similar Part No. - 73M2901CE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGVR/F TERIDIAN-73M2901CE-IGVR/F Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IM/F TERIDIAN-73M2901CE-IM/F Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IMR/F TERIDIAN-73M2901CE-IMR/F Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
More results

Similar Description - 73M2901CE

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
logo
Teridian Semiconductor ...
73K222BL TERIDIAN-73K222BL Datasheet
173Kb / 26P
   Single-Chip Modem
73K324L TERIDIAN-73K324L Datasheet
244Kb / 30P
   Single-Chip Modem
logo
TDK Electronics
73K222AU TDK-73K222AU Datasheet
728Kb / 40P
   Single-Chip Modem Modem with UART
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
logo
List of Unclassifed Man...
73M2921 ETC-73M2921 Datasheet
222Kb / 41P
   Advanced Single Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com