Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8010R Datasheet(PDF) 6 Page - Teridian Semiconductor Corporation

Part # 73S8010R
Description  Low Cost Smart Card Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8010R Datasheet(HTML) 6 Page - Teridian Semiconductor Corporation

Back Button 73S8010R Datasheet HTML 2Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8010R Datasheet HTML 10Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
73S8010R
Low Cost Smart Card Interface
DATA SHEET
Page: 6 of 24
© 2005-2008 TERIDIAN Semiconductor Corporation
Rev 1.5
I
2C-bus Write to Control Register:
I
2C-bus Write command to the control register follows the format shown below. After the START condition, a slave
address is sent by the master. This address is seven bits long followed by an eighth bit which is an opcode bit
(R/
W) – a ‘zero’ indicates the master will write data to the control register. After the R/W bit, the ’zero’ ACK bit is
sent to the master by the device. The master now starts sending the 8 bits of data to the control register during
the DATA bits. After the DATA bits, the ‘zero’ ACK bit is sent to the master by the device. The master should send
the STOP condition after receiving this ACK bit.
1-78
91-8
9
ADDRESSbits
R/
W bit
ACKbit
DATAbits
ACKbit
STOP
condition
START
condition
SCL
SDA
MSB
MSB
LSB
LSB
Figure 2 - I
2C Bus Write Protocol
STATUS register
Power On Reset = 04h
Name
Bit
Description
PRES
0
Set when the card is present (pin PRES is high); reset when the card is
not present.
PRESL
1
Set when the PRES pin changes state (rising/falling edge); reset when
the status register is read. Generates an interrupt when set.
I/O
2
Set when I/O is high; reset when I/O is low.
SUPL
3
Set when a voltage fault is detected; reset when the status register is
read. Generates an interrupt when set
PROT
4
Set when an over-current or over-heating fault has occurred during a
card session; reset when the status register is read. Generates an
interrupt when set
MUTE
5
Set during ATR when the card has not answered during the ISO 7816-3
time window (40000 card clock cycles); reset when the next session
begins.
EARLY
6
Set during ATR when the card has answered before 400 card clock
cycles; reset when the next session begin.
ACTIVE
7
Set when the card is active (VCC is on); reset when the card is inactive.


Similar Part No. - 73S8010R

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8010R TERIDIAN-73S8010R Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
73S8010R-IL TERIDIAN-73S8010R-IL Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
73S8010R-IL/F TERIDIAN-73S8010R-IL/F Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
73S8010R-ILR/F TERIDIAN-73S8010R-ILR/F Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
73S8010R-IM/F TERIDIAN-73S8010R-IM/F Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
More results

Similar Description - 73S8010R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
73S8024RN MAXIM-73S8024RN Datasheet
459Kb / 27P
   Low-Cost Smart Card Interface
Rev 2; 6/12
logo
Teridian Semiconductor ...
73S8024RN TERIDIAN-73S8024RN Datasheet
383Kb / 27P
   Low Cost Smart Card Interface
73S8010R TERIDIAN-73S8010R_V01 Datasheet
348Kb / 25P
   Low Cost Smart Card Interface
August 2009
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
   Low Cost Versatile Smart Card Interface
logo
ON Semiconductor
NCN6024 ONSEMI-NCN6024 Datasheet
223Kb / 15P
   Compact and Low Cost Smart Card Interface IC
July, 2009 ??Rev. 1
logo
NXP Semiconductors
LPC11U00 PHILIPS-LPC11U00 Datasheet
551Kb / 2P
   Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com