Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73S8023C Datasheet(PDF) 7 Page - Teridian Semiconductor Corporation

Part # 73S8023C
Description  Smart Card Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

73S8023C Datasheet(HTML) 7 Page - Teridian Semiconductor Corporation

Back Button 73S8023C Datasheet HTML 3Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 4Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 5Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 6Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 7Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 8Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 9Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 10Page - Teridian Semiconductor Corporation 73S8023C Datasheet HTML 11Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DS_8023C_019
73S8023C Data Sheet
Rev. 1.5
7
2
System Controller Interface
The CS (chip select) input allows multiple devices to operate in parallel. When CS is high, the system
interface signals operate as described. When CS is taken low, the system interface signals are
latched internally. The pins I/OUC, AUX1UC, and AUX2UC are weakly pulled up and the
OFF signal
is put into a high impedance state.
The CLKSEL signal selects between synchronous and asynchronous operation. When CLKSEL is
low, asynchronous operation is selected. When CLKSEL is high, synchronous operation is selected.
Digital inputs allow direct control of the card interface from the host as follows:
Pin
CMDVCC: When set low, starts an activation sequence if a card is present.
Pin 5V/
#V: Defines the card voltage.
The card I/O and Reset signals have their corresponding controller I/Os to be connected directly to
the host:
Pin RSTIN: controls the card RST signal. When enabled by the sequencer, RST is equal to
RSTIN for both synchronous and asynchronous modes.
Pin I/OUC: data transfer to card I/O contact.
Pins AUX1UC and AUX2UC (auxiliary I/O lines associated to the auxiliary I/Os which are
connected to the C4 and C8 card connector contacts).
Two digital inputs control the card clock frequency division rate: CLKDIV1 and CLKDIV2 define the
card clock frequency from the input clock frequency (crystal or external clock). The division rate is
defined as follows:
CLKDIV2
CLKDIV1
CLK
0
0
XTAL
0
1
XTAL
1
0
¼ XTAL
1
1
½ XTAL
When the division rate is equal to 1 (CLKDIV2 =0 and CLKDIV1 = 1), the duty-cycle of the
card clock depends on the duty-cycle and waveform of the signal applied on the pin XTALIN.
When other division rates are used, the 73S8023C circuitry guarantees a duty-cycle in the
range 45% to 55%, conforming to ISO-7816-3 and EMV 4.1 specifications.
Interrupt output to the host: As long as the card is not activated, the
OFF pin informs the host about
the card presence only (low = no card in the reader). When
CMDVCC is set low (Card activation
sequence requested from the host), a low level on
OFF means a fault has been detected (e.g. card
removedl during a card session, or voltage fault, or thermal / over-current fault) that automatically
initiates a deactivation sequence.
Power Down: The PWRDN pin is a digital input that allows the host controller to put the 73S8023C in
its Power Down state. This pin can only be activated outside of a card session.
The CLKOUT signal is a buffered output of the signal applied to the XTALIN pin whether it is an
external clock source or it is configured as a crystal oscillator. CLKOUT can be used when using
multiple 73S8023C devices to share a single clock signal.
The STROBE input directly drives the smart card CLK signal when operating in synchronous mode.
STROBE is ignored in asynchronous mode.


Similar Part No. - 73S8023C

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73S8023C TERIDIAN-73S8023C Datasheet
816Kb / 19P
   Demo Board User Manual
Rev. 1.3
73S8023C TERIDIAN-73S8023C_V01 Datasheet
816Kb / 19P
   Demo Board User Manual
Rev. 1.3
More results

Similar Description - 73S8023C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com