Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEX8619-BA50BCG Datasheet(PDF) 4 Page - PLX Technology

Part # PEX8619-BA50BCG
Description  Flexible & Versatile 16-lane 16-port PCI Express Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8619-BA50BCG Datasheet(HTML) 4 Page - PLX Technology

  PEX8619-BA50BCG Datasheet HTML 1Page - PLX Technology PEX8619-BA50BCG Datasheet HTML 2Page - PLX Technology PEX8619-BA50BCG Datasheet HTML 3Page - PLX Technology PEX8619-BA50BCG Datasheet HTML 4Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Software Usage Model
Interrupt Sources/Events
The PEX 8619 supports the INTx interrupt message type
(compatible with PCI 2.3 Interrupt signals) or Message
Signaled Interrupts (MSI) when enabled. Interrupts/messages
are generated by PEX 8619 for Hot-Plug events, doorbell
interrupts, baseline error reporting, and advanced error
reporting.
The PEX8619 is a multi-function device. Function 0
implements the function of a transparent PCI Express switch
while Function 1 implements the endpoint functionality of the
DMA. From a system model viewpoint, each PCI Express
port is a virtual PCI to PCI bridge device and has its own set
of PCI Express configuration registers. It is through the
upstream port that the BIOS or host can configure the other
ports using standard PCI enumeration. The DMA function of
the PEX8619 implements a Type 0 header, same as an
endpoint, and requires a driver. The driver for the DMA
function is available from PLX and included in the SDK.
Development Tools
RDK
The PEX 8619RDK is a hardware module containing the
PEX 8619 which plugs right into your system (Figure 8). The
PEX 8619RDK hardware module can be installed in a
motherboard, used as a riser card, or configured as a bench-top
board. The PEX 8619RDK can be used to test and validate
customer software. Additionally, it can be used as an
evaluation vehicle for PEX 8619 features and benefits.
PLX offers hardware and software tools to enable rapid
customer design activity. These tools consist of a PEX 8619
Rapid Development Kit (RDK), hardware documentation, and
a Software Development Kit (also available at
www.plxtech.com/sdk).
SDK
The SDK tool set
includes:
- Linux & Windows
drivers
- C/C++ Source code,
Objects, libraries
- User’s Guides &
Application examples
Figure 8. PEX 8619RDK
Windows/Linux Apps
PEX API
PCIe
Driver
NT PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
Windows/Linux Apps
PEX API
PCIe
Driver
NT PnP
Driver
PCI Express Interface
Kernel
Space
User
Space
Hardware
Product Ordering Information
Part Number
Description
PEX8619-BA50BC
16 Lane, 16 Port PCIe Switch, 324-ball HSBGA 19x19mm
2 pkg
PEX8619-BA50BC G
16 Lane, 16 Port PCIe Switch, 324-ball HSBGA 19x19mm
2 pkg, Pb-free
PEX 8619BA-BB4U1D RDK
PEX 8619 Base Board Kit; x4 Upstream; x1 downstream (12)
PEX8619BA-AIC4U4D RDK
PEX 8619 Add-in Card Kit; x4 Upstream; x4 downstream (3)
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for sampling.
PLX Technology, Inc.
870 W. Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
info@plxtech.com
www.plxtech.com
© 2009 by PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. ExpressLane is a trademark of PLX Technology,
Inc., which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be
trademarks or registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no
responsibility for any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
PEX8619-SIL-PB-1.3
5/09


Similar Part No. - PEX8619-BA50BCG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX8619 AVAGO-PEX8619 Datasheet
1Mb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
More results

Similar Description - PEX8619-BA50BCG

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PEX8618 PLX-PEX8618 Datasheet
735Kb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express Switch
logo
AVAGO TECHNOLOGIES LIMI...
PEX8618 AVAGO-PEX8618 Datasheet
735Kb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
PEX8619 AVAGO-PEX8619 Datasheet
1Mb / 4P
   Flexible & Versatile 16-lane 16-port PCI Express
logo
PLX Technology
PEX8614 PLX-PEX8614 Datasheet
903Kb / 4P
   Flexible & Versatile 12-lane 12-port PCI Express Switch
PEX8604 PLX-PEX8604 Datasheet
858Kb / 4P
   Flexible & Versatile 4-lane 4-port PCI Express Switch
PEX8615 PLX-PEX8615 Datasheet
1Mb / 4P
   Flexible & Versatile 12-lane 12-port PCI Express Switch
PEX8609 PLX-PEX8609 Datasheet
1,007Kb / 4P
   Flexible & Versatile 8-lane 8-port PCI Express Switch
logo
Renesas Technology Corp
89HPES16H16 RENESAS-89HPES16H16 Datasheet
472Kb / 37P
   16-Lane 16-Port PCI Express® Switch
October 3, 2011
logo
AVAGO TECHNOLOGIES LIMI...
PEX8615 AVAGO-PEX8615 Datasheet
1Mb / 4P
   Flexible & Versatile 12-lane 12-port PCI Express
PEX8609 AVAGO-PEX8609 Datasheet
1,006Kb / 4P
   Flexible & Versatile 8-lane 8-port PCI Express
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com