Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34700 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC34700
Description  9.0 to 18 V, Quad Output, Integrated MOSFET Power Supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34700 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34700_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34700_09 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
PIN CONNECTIONS
FUNCTIONAL PIN DESCRIPTIONS
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34700
PIN CONNECTIONS
FUNCTIONAL PIN DESCRIPTIONS
Table 3. 34700 Pin Definitions
Pin
Name
Pin Description
1,32
VIN1
Buck regulator #1’s power input voltage. VIN1 is connected to the drain of the DC/DC #1’s high side MOSFET. Local
bypass capacitors are recommended.
2,3
SW1
Buck regulator #1’s switching node. SW1 is connected to the source of the high side MOSFET. Connect this pin to the
cathode of the catch diode and the output inductor.
4
BST1
Buck regulator #1’s bootstrap capacitor input. Connect a capacitor between the BST1 and SW1 pin of DC/DC #1 to
enhance the gate of the high side MOSFET during switching.
5
GND2
Buck regulator #2’s power ground. GND2 is connected to the source of DC/DC #2’s low side MOSFET. Connect this pin
to the DC/DC #2’s power return path.
6
SW2
Buck regulator #2’s switching node. SW2 is connected to source of the high side and the drain of the low side MOSFET.
Connect this pin to the output inductor.
7
VIN2
Buck regulator #2’s power input voltage. VIN2 is connected to the drain of the DC/DC #2’s high side MOSFET. Local
bypass capacitors are recommended.
8
BST2
Buck regulator #2’s bootstrap capacitor input. Connect a capacitor between the BST2 and SW2 pin of DC/DC #2 to
enhance the gate of the high side MOSFET during switching.
9
COMP2
Buck regulator #2’s compensation output. COMP2 is connected to DC/DC #2’s error amplifier’s output. Connect the
required external compensation network between the COMP2 pin and the FB2 pin.
10
FB2
DC/DC #2’s error amplifier inverting input. Connect the required compensation network and feedback network to this
terminal as appropriate.
11
EN1
This input enables buck regulator #1. Asserting EN1 high turns on DC/DC #1. The internal control logic remains active
as long as VIN is present.
12
EN2
This input enables buck regulator #2. Asserting EN2 high turns on DC/DC #2. The internal control logic remains active
as long as VIN is present.
VIN1
SW1
SW1
BST1
GND2
SW2
VIN2
BST2
BST3
VIN3
SW3
LDO_FB
LDO
LDO_VIN
VIN
GND3
TRANSPARENT
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11 12
13
14 15 16
17
18
27
19
20
21
22
23
24
25
26
28
29
30
31
32
PIN 33
Figure 3. 34700 Pin Connections


Similar Part No. - MC34700_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34700EP FREESCALE-MC34700EP Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
MC34700EPR2 FREESCALE-MC34700EPR2 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
More results

Similar Description - MC34700_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34700 FREESCALE-MC34700 Datasheet
822Kb / 31P
   9 to 18V, Quad Output, Integrated MOSFET Power Supply
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad-Output Power Supply
logo
ON Semiconductor
NTD3055-150 ONSEMI-NTD3055-150 Datasheet
67Kb / 8P
   Power MOSFET 9.0 A, 60 V
August, 2004 ??Rev. 4
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
   Quad Output DC Power Supply
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
   500W Quad Output Power Supply
logo
Mean Well Enterprises C...
QP-1000 MEANWELL-QP-1000_09 Datasheet
130Kb / 4P
   1000W Quad Output Power Supply
logo
Total Power Internation...
RQ-50 TOTAL-POWER-RQ-50 Datasheet
301Kb / 2P
   50W Quad Output Switching Power Supply
RQ-65 TOTAL-POWER-RQ-65 Datasheet
332Kb / 2P
   65W Quad Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com