Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORD228VL Datasheet(PDF) 5 Page - Meder Electronic

Part # ORD228VL
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

ORD228VL Datasheet(HTML) 5 Page - Meder Electronic

  ORD228VL Datasheet HTML 1Page - Meder Electronic ORD228VL Datasheet HTML 2Page - Meder Electronic ORD228VL Datasheet HTML 3Page - Meder Electronic ORD228VL Datasheet HTML 4Page - Meder Electronic ORD228VL Datasheet HTML 5Page - Meder Electronic ORD228VL Datasheet HTML 6Page - Meder Electronic ORD228VL Datasheet HTML 7Page - Meder Electronic ORD228VL Datasheet HTML 8Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
75
n
n
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
8
24
6
10kg
0
AT
60
50
40
30
20
10
0
80
60
40
m
W
 ORD228VL
l
PI
CR
DO
(2.27kg-10sec)
40
30
20
10
0
−10
−20
−30
−40
−20
0
20
40
60
80
100
120
CR
DO
PI
MECHANICAL CHARACTERISTICS
(1) Lead tensile test (static load)
(1) Temperature characteristics
(2) Lead tensile strength
Before test
After test
Temperature
Breaking load
ENVIRONMENTAL CHARACTERISTICS


Similar Part No. - ORD228VL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD228VL ETC1-ORD228VL Datasheet
91Kb / 8P
   General Purpose Miniature (Medium-level Load 100 V Max.)
logo
OKI electronic componet...
ORD228VL OKI-ORD228VL Datasheet
86Kb / 8P
   REED SWITCH
More results

Similar Description - ORD228VL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
   REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
   REED SWITCH
logo
Meder Electronic
3905171000 MEDER-3905171000 Datasheet
127Kb / 3P
   Reed Switch
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
   Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
   Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
   Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
   Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
   Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
   Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com