Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33988 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC33988
Description  Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0m廓)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33988 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC33988 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33988 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33988
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT
Output Drain-to-Source ON Resistance
(IHS[0:1] = 7.5A, TJ = 25°C)
VPWR = 6.0V
VPWR = 10V
VPWR = 13V
RDS(ON)
12.0
8.0
8.0
m
Ω
Output Drain-to-Source ON Resistance (IHS[0:1] = 7.5A, TJ = 150°C)
VPWR = 6.0V
VPWR = 10V
VPWR = 13V
RDS(ON)
20.4
13.6
13.6
m
Ω
Output Source-to-Drain ON Resistance IHS[0:1] = 7.5A, TJ = 25°C(10)
VPWR = -12V
RDS(ON)
16.0
m
Ω
Output Over-current High Detection Levels (9.0V < VPWR < 16V)
SOCH = 0
SOCH = 1
IOCH0
IOCH1
40
30
50
37.5
60
45
A
Over-current Low Detection Levels (SOCL[2:0])
000
001
010
011
100
101
110
111
IOCL0
IOCL1
IOCL2
IOCL3
IOCL4
IOCL5
IOCL6
IOCL7
10.5
9.0
8.0
7.0
6.0
5.0
4.0
3.0
12.5
11.25
10.0
8.75
7.5
6.25
5.0
3.75
14.5
13.5
12.0
10.5
9.0
7.5
6.0
4.5
A
Current Sense Ratio (9.0V < VPWR < 16V, CSNS < 4.5V)
DICR D2 = 0
DICR D2 = 1
CSR0
CSR1
1/10250
1/20500
Current Sense Ratio (CSR0) Accuracy
Output Current
2.5A
5.0A
6.25A
7.5A
10.0A
12.5A
CSR0_ACC
-20
-14
-13
-12
-13
-13
20
14
13
12
13
13
%
Notes
10.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.5V
≤ VDD ≤ 5.5V, 6.0V ≤ VPWR ≤ 27V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC33988

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33988CHFK FREESCALE-MC33988CHFK Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
More results

Similar Description - MC33988

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
NXP Semiconductors
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
   Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
logo
Motorola, Inc
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
   Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
   Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
   Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
   Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B Datasheet
722Kb / 34P
   Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com