Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5271 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCF5271
Description  Integrated Microprocessor Hardware Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5271 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF5271_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5271_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCF5271 Integrated Microprocessor Hardware Specification, Rev. 4
Features
Freescale Semiconductor
4
3Features
For a detailed feature list see the MCF5271 Reference Manual (MCF5271RM).
4
Signal Descriptions
This section describes signals that connect off chip, including a table of signal properties. For a more
detailed discussion of the MCF5271 signals, consult the MCF5271 Reference Manual (MCF5271RM).
4.1
Signal Properties
Table 4 lists all of the signals grouped by function. The “Dir” column is the direction for the primary
function of the pin. Refer to Section 6, “Mechanicals/Pinouts and Part Numbers,” for package diagrams.
NOTE
In this table and throughout this document a single signal within a group is
designated without square brackets (i.e., A24), while designations for
multiple signals within a group use brackets (i.e., A[23:21]) and is meant to
include all signals within the two bracketed numbers when these numbers
are separated by a colon.
NOTE
The primary functionality of a pin is not necessarily its default functionality.
Pins that are muxed with GPIO will default to their GPIO functionality.
Table 2. MCF5270 and MCF5271 Signal Information and Muxing
Signal Name
GPIO
Alternate 1 Alternate 2 Dir.1
MCF5270
MCF5271
160 QFP
MCF5270
MCF5271
196 MAPBGA
Reset
RESET
I
83
N13
RSTOUT
O
82
P13
Clock
EXTAL
I
86
M14
XTAL
O
85
N14
CLKOUT
O
89
K14
Mode Selection
CLKMOD[1:0]
I
20,21
G5,H5
RCON
I
79
K10
External Memory Interface and Ports
A[23:21]
PADDR[7:5]
CS[6:4]
O
126, 125, 124
B11, C11, D11


Similar Part No. - MCF5271_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271CAB100 FREESCALE-MCF5271CAB100 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF5271CVM100 FREESCALE-MCF5271CVM100 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF5271CVM150 FREESCALE-MCF5271CVM150 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
More results

Similar Description - MCF5271_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com