Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52256AG80 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF52256AG80
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52256AG80 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF52256AG80 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MCF52259
Rev. 2, 8/2009
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
MCF52259
LQFP–144
20 mm x 20 mm
MAPBGA–144
13 mm x 13 mm
LQFP–100
14 mm x 14 mm
The MCF52259 microcontroller family (MCF52252,
MCF52254, MCF52255, MCF52256, MCF52258, and
MCF52259 devices) is a member of the ColdFire® family of
reduced instruction set computing (RISC) microprocessors.
This document provides an overview of the 32-bit MCF52259
microcontroller, focusing on its highly integrated and diverse
feature set.
This 32-bit device is based on the Version 2 ColdFire core
operating at a frequency up to 80 MHz, offering high
performance and low power consumption. On-chip memories
connected tightly to the processor core include up to
512 Kbytes of flash memory and 64 Kbytes of static random
access memory (SRAM). On-chip modules include:
• V2 ColdFire core delivering 76 MIPS (Dhrystone 2.1) at
80 MHz running from internal flash memory with
Enhanced Multiply Accumulate (MAC) Unit and hardware
divider
• Cryptography Acceleration Unit (CAU)
• Fast Ethernet controller (FEC)
• Mini-FlexBus external bus interface available on 144 pin
packages
• Universal Serial Bus On-The-Go (USBOTG)
• USB Transceiver
• FlexCAN controller area network (CAN) module
• Three universal asynchronous/synchronous
receiver/transmitters (UARTs)
• Two inter-integrated circuit (I2C™) bus interface modules
• Queued serial peripheral interface (QSPI) module
• Eight-channel 12-bit fast analog-to-digital converter
(ADC) with simultaneous sampling
• Four-channel direct memory access (DMA) controller
• Four 32-bit input capture/output compare timers with
DMA support (DTIM)
• Four-channel general-purpose timer (GPT) capable of
input capture/output compare, pulse width modulation
(PWM), pulse-code modulation (PCM), and pulse
accumulation
• Eight-channel/Four-channel, 8-bit/16-bit pulse width
modulation timer
• Two 16-bit periodic interrupt timers (PITs)
• Real-time clock (RTC) module with 32 kHz crystal
• Programmable software watchdog timer
• Secondary watchdog timer with independent clock
• Interrupt controller capable of handling 57 sources
• Clock module with 8 MHz on-chip relaxation oscillator
and integrated phase-locked loop (PLL)
• Test access/debug port (JTAG, BDM)
MCF52259 ColdFire
Microcontroller


Similar Part No. - MCF52256AG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52256AG80 FREESCALE-MCF52256AG80 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
MCF52256AG80 FREESCALE-MCF52256AG80 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF52256AG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com