Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF52256AG80 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MCF52256AG80
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52256AG80 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF52256AG80 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF52256AG80 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Family Configurations
MCF52259 ColdFire Microcontroller, Rev. 2
Freescale Semiconductor
11
1.2.9
Mini-FlexBus
A multi-function external bus interface called the Mini-FlexBus is provided on the device with basic functionality of interfacing
to slave-only devices with a maximum slave bus frequency up to 40 MHz in 1:2 mode and 80 MHz in 1:1 mode. It can be
directly connected to the following asynchronous or synchronous devices with little or no additional circuitry:
External ROMs
Flash memories
Gate-array logic
Other simple target (slave) devices
The Mini-FlexBus is a subset of the FlexBus module found on higher-end ColdFire microprocessors. The Mini-FlexBus
minimizes package pin-outs while maintaining a high level of configurability and functionality.
1.2.10
USB On-The-Go Controller
The device includes a Universal Serial Bus On-The-Go (USB OTG) dual-mode controller. USB is a popular standard for
connecting peripherals and portable consumer electronic devices such as digital cameras and handheld computers to host PCs.
The OTG supplement to the USB specification extends USB to peer-to-peer application, enabling devices to connect directly
to each other without the need for a PC. The dual-mode controller on the device can act as a USB OTG host and as a USB
device. It also supports full-speed and low-speed modes.
1.2.11
Fast Ethernet Controller (FEC)
The Ethernet media access controller (MAC) supports 10 and 100 Mbps Ethernet/IEEE 802.3 networks. An external transceiver
interface and transceiver function are required to complete the interface to the media. The FEC supports three different standard
MAC-PHY (physical) interfaces for connection to an external Ethernet transceiver. The FECs supports the 10/100 Mbps MII,
and the 10 Mbps-only 7-wire interface.
1.2.12
UARTs
The device has three full-duplex UARTs that function independently. The three UARTs can be clocked by the system bus clock,
eliminating the need for an external clock source. On smaller packages, the third UART is multiplexed with other digital I/O
functions.
1.2.13
I2C Bus
The processor includes two I2C modules. The I2C bus is an industry-standard, two-wire, bidirectional serial bus that provides
a simple, efficient method of data exchange and minimizes the interconnection between devices. This bus is suitable for
applications requiring occasional communications over a short distance between many devices.
1.2.14
QSPI
The queued serial peripheral interface (QSPI) provides a synchronous serial peripheral interface with queued transfer capability.
It allows up to 16 transfers to be queued at once, minimizing the need for CPU intervention between transfers.
1.2.15
Fast ADC
The fast ADC consists of an eight-channel input select multiplexer and two independent sample and hold (S/H) circuits feeding
separate 12-bit ADCs. The two separate converters store their results in accessible buffers for further processing. Signals on the
SYNCA and SYNCB pins initiate an ADC conversion.


Similar Part No. - MCF52256AG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52256AG80 FREESCALE-MCF52256AG80 Datasheet
1Mb / 50P
   MCF52259 ColdFire Microcontroller
MCF52256AG80 FREESCALE-MCF52256AG80 Datasheet
2Mb / 46P
   ColdFire Microcontroller
More results

Similar Description - MCF52256AG80

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com