Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5603PFF0VLQ7R Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC5603PFF0VLQ7R
Description  microcontroller units (MCUs)
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5603PFF0VLQ7R Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC5603PFF0VLQ7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5603PFF0VLQ7R Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
MPC5604P Microcontroller Data Sheet, Rev. 5
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
10
2.2.3
Pin Muxing
Table 4 defines the pin list and muxing for the MPC5604P devices.
Each row of Table 4 shows all the possible ways of configuring each pin, via “alternate functions”. The default function
assigned to each pin after reset is the ALT0 function.
Pins marked as external interrupt capable can also be used to resume from STOP and HALT mode.
MPC5604P devices provide four main I/O pad types depending of the associated functions:
Slow pads are the most common, providing a compromise between transition time and low electromagnetic emission.
Medium pads provide fast enough transition for serial communication channels with controlled current to reduce
electromagnetic emission.
Fast pads provide maximum speed. They are used for improved NEXUS debugging capability.
Symmetric pads are designed to meet FlexRay requirements.
Medium and Fast pads can use slow configuration to reduce electromagnetic emission, at the cost of reducing AC performance.
Table 3. System Pins
Symbol
Description
Direction
Pad Speed1
1 SRC values refer to the value assigned to the Slew Rate Control bits of the pad configuration register
Pin
SRC=0
SRC=1
100-pin
144-pin
Dedicated pins. All pins available on 144-pin package. MDO 0 not available on 100-pin package.
MDO 0
Nexus Message Data Output—line 0
Output Only
Fast
9
NMI
Non Maskable Interrupt
Input Only
1
1
XTAL
Analog input of the oscillator amplifier circuit.
Needs to be grounded if oscillator is used in
bypass mode.
——
18
29
EXTAL
Analog output of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when
the oscillator is in bypass mode.
——
19
30
TMS2
2 In this pin there is an internal pull, refer to JTAGC chapter on MPC5604P Reference Manual for pull direction.
JTAG state machine control
Input Only
59
87
TCK2
JTAG clock
Input Only
60
88
TDI2
JTAG data input
Input Only
58
86
TDO2
JTAG data output
Output Only
Slow
Fast
61
89
Reset pin, available on 100-pin and 144-pin package.
RESET
Bidirectional reset with Schmitt trigger
characteristics and
noise filter
Bidirectional
Medium
20
31
Test pin, available on 100-pin and 144-pin package.
VPP TEST
Pin for testing purpose only. To be tied to
ground in normal operating mode.
——
74
107


Similar Part No. - MPC5603PFF0VLQ7R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
MPC5603B FREESCALE-MPC5603B Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
logo
NXP Semiconductors
MPC5603B1CLH4R NXP-MPC5603B1CLH4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLH6R NXP-MPC5603B1CLH6R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
MPC5603B1CLL4R NXP-MPC5603B1CLL4R Datasheet
1Mb / 109P
   MPC5604B/C Microcontroller Data Sheet
Rev. 14, 11/2017
More results

Similar Description - MPC5603PFF0VLQ7R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5634M FREESCALE-MPC5634M_09 Datasheet
2Mb / 118P
   microcontroller units (MCUs)
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Renesas Technology Corp
HD6432633 RENESAS-HD6432633 Datasheet
5Mb / 1453P
   Series of Microcomputers (MCUs: microcomputer units)
logo
Motorola, Inc
MC68HC05C12 MOTOROLA-MC68HC05C12 Datasheet
9Mb / 165P
   HCMOS MICROCONTROLLER UNITS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
   8-bit microcontroller units
logo
Motorola, Inc
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
   8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05J5A FREESCALE-68HC05J5A Datasheet
1Mb / 106P
   8-bit microcontroller units
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com