Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46F47E Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46F47E
Description  Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46F47E Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46F47E Datasheet HTML 1Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 2Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 3Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 4Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 5Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 6Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 7Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 8Page - Holtek Semiconductor Inc HT46F47E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
Pin Description
HT46F46E, HT46F47E
Pin Name I/O
Configuration
Option
Description
PA0~PA2
PA3/PFD
PA4/TMR
PA5/INT
PA6~PA7
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each individual pin on this port can be config-
ured as a wake-up input by a configuration option. Software instructions determine
if the pin is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors. Pins PA3, PA4 and PA5 are
pin-shared with PFD, TMR and INT, respectively.
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
I/O
Pull-high
Bidirectional 4-bit input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. Configuration options determine which pins
on the port have pull-high resistors. PB is pin-shared with the A/D input pins. The
A/D inputs are selected via software instructions. Once selected as an A/D input,
the I/O function and pull-high resistor options are disabled automatically.
PD0/PWM I/O
Pull-high
PD0 or PWM
Bidirectional 1-bit input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input.
A configuration option determines if this pin has a pull-high resistor. The PWM out-
put is pin-shared with pin PD0 selected via a configuration option.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal, deter-
mined by configuration option, for the internal system clock. If the RC system clock
option is selected, pin OSC2 can be used to measure the system clock at 1/4 fre-
quency.
RES
I
¾
Schmitt Trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
Note:
1. Each pin on PA can be programmed through a configuration option to have a wake-up function.
2. Individual pins can be selected to have a pull-high resistor.
3. Pins PB2/AN2~PB3/AN3 exist but are not bonded out on the 16-pin package.
4. Unbonded pins should be setup as outputs or as inputs with pull-high resistors to conserve power.
HT46F48E
Pin Name I/O
Configuration
Option
Description
PA0~PA2
PA3/PFD
PA4/TMR
PA5/INT
PA6~PA7
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each individual pin on this port can be config-
ured as a wake-up input by a configuration option. Software instructions determine
if the pin is a CMOS output or Schmitt Trigger input. Configuration options deter-
mine which pins on the port have pull-high resistors. Pins PA3, PA4 and PA5 are
pin-shared with PFD, TMR and INT, respectively.
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4~PB7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. Configuration options determine which pins
on the port have pull-high resistors. PB is pin-shared with the A/D input pins. The
A/D inputs are selected via software instructions. Once selected as an A/D input,
the I/O function and pull-high resistor options are disabled automatically.
PC0~PC1
I/O
Pull-high
Bidirectional 2-bit input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. Configuration options determine which pins
on the port have pull-high resistors.
PD0/PWM I/O
Pull-high
I/O or PWM
Bidirectional 1-bit input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. Configuration option determines if this pin
has a pull-high resistor. The PWM output is pin-shared with pin PD0 selected via a
configuration option.
OSC1
OSC2
I
O
Crystal or RC
OSC1, OSC2 are connected to an external RC network or external crystal, deter-
mined by configuration option, for the internal system clock. If the RC system clock op-
tion is selected, pin OSC2 can be used to measure the system clock at 1/4 frequency.
HT46F46E/HT46F47E/HT46F48E/HT46F49E
Rev. 1.40
4
July 28, 2009


Similar Part No. - HT46F47E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46C22 HOLTEK-HT46C22 Datasheet
390Kb / 46P
   8-Bit A/D Type MCU
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
   A/D Type 8-Bit MCU
HT46C232 HOLTEK-HT46C232 Datasheet
434Kb / 50P
   A/D Type 8-Bit MCU
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
   A/D Type 8-Bit MCU
HT46C24 HOLTEK-HT46C24 Datasheet
403Kb / 51P
   A/D Type 8-Bit MCU
More results

Similar Description - HT46F47E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F002 HOLTEK-HT66F002 Datasheet
6Mb / 144P
   Cost-Effective A/D Flash MCU with EEPROM
HT66F007 HOLTEK-HT66F007 Datasheet
5Mb / 131P
   Cost-Effective A/D Flash MCU with EEPROM
HT66F005 HOLTEK-HT66F005 Datasheet
4Mb / 109P
   Cost-Effective A/D Flash MCU with EEPROM
HT68F002 HOLTEK-HT68F002 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
HT66F302 HOLTEK-HT66F302 Datasheet
6Mb / 129P
   Cost-Effective Flash MCU with EEPROM
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
68F002 HOLTEK-68F002 Datasheet
23Kb / 1P
   Cost-Effective Flash MCU with EEPROM
HT46R4A HOLTEK-HT46R4A Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com