Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R065V Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48R065V
Description  24V VFD Type 8-Bit OTP MCU
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R065V Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48R065V Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R065V Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
VFD23~VFD0
VFDn
¾¾
HV
High voltage grid/segment output for VFD panel
VCC
VCC
¾
PWR
¾
High voltage positive power supply for driving the VFD fila-
ment, F1O, BZO and BZO outputs. An external 10uF capaci-
tor is recommended to be connected to ground on the PCB to
reduce surge voltages.
VO
VO
¾¾
PWR
LDO regulator output (5V). It
¢s be recommend that connect-
ing an external capacitor on PCB layout.
BZO, BZO
BZO
¾¾
HV
High voltage buzzer complement output signals
BZO
¾¾
HV
F1O
F1O
¾¾
HV
High voltage filament output signal.
Note:
I/T: Input type; O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power; CO: Configuration option
ST: Schmitt Trigger input; CMOS: CMOS output
SCOM: Software controlled LCD COM
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
HV : high voltage output
For VFD driver interface, the I/O function should only be configured as outputs.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................100mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT48R065V
Rev. 1.00
4
October 20, 2009


Similar Part No. - HT48R065V

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R065 HOLTEK-HT48R065 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R065 HOLTEK-HT48R065 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R065B HOLTEK-HT48R065B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R065B HOLTEK-HT48R065B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R065D HOLTEK-HT48R065D Datasheet
557Kb / 100P
   Enhanced I/O Type MCU with High Current LED Driver
More results

Similar Description - HT48R065V

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R065V HOLTEK-HT46R065V Datasheet
465Kb / 72P
   24V VFD Type 8-Bit OTP MCU
HT49RV3 HOLTEK-HT49RV3 Datasheet
334Kb / 44P
   VFD Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RB8 HOLTEK-HT48RB8 Datasheet
281Kb / 45P
   8-Bit USB Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com