Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48CA1 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT48CA1
Description  Remote Type 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48CA1 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT48CA1 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 10Page - Holtek Semiconductor Inc HT48CA1 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
HT48RA1/HT48CA1
Rev. 1.40
7
May 22, 2009
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
8192
´16 bits, addressed by the program counter and ta-
ble pointer.
Certain locations in the program memory are reserved
for special usage:
· Location 000H
This area is reserved for program initialization. After
chip reset, the program always begins execution at lo-
cation 000H.
· Location 004H
This area is reserved for the external interrupt service
program. If the INT input pin is activated, the interrupt
is enabled and the stack is not full, the program begins
execution at location 004H.
· Location 008H
This area is reserved for the Timer/Event Counter 0 in-
terrupt service program. If a timer interrupt results
from a Timer/Event Counter 0 overflow, and if the in-
terrupt is enabled and the stack is not full, the program
begins execution at location 008H .
· Location 00CH
This location is reserved for the Timer/Event Counter
1 interrupt service program. If a timer interrupt results
from a Timer/Event Counter 1 overflow, and the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 00CH.
· Table location
Any location in the program memory can be used as
look-up tables. The instructions
²TABRDC [m]² (page
specified by TBHP) and
²TABRDL [m]² (the last page)
transfer the contents of the lower-order byte to the
specified data memory, and the higher-order byte to
TBLH (08H). The higher-order byte table pointer
TBHP (1FH) and lower-order byte table pointer TBLP
(07H) are read/write registers, which indicate the table
locations. Before accessing the table, the location has
to be placed in TBHP and TBLP. The TBLH is read
only and cannot be restored. If the main routine and
the ISR (interrupt service routine) both employ the ta-
ble read instruction, the contents of TBLH in the main
routine are likely to be changed by the table read in-
struction used in the ISR. Errors are thus brought
about. Given this, using the table read instruction in
the main routine and the ISR simultaneously should
be avoided. However, if the table read instruction has
to be applied in both main routine and the ISR, the in-
terrupt(s) is supposed to be disabled prior to the table
read instruction. It (They) will not be enabled until the
TBLH in the main routine has been backup. All table
related instructions require 2 cycles to complete the
operation.
Stack Register
- STACK
This is a special part of the memory which is used to
save the contents of the program counter (PC) only. The
stack is organized into 8 levels and is neither part of the
data nor part of the program space, and is neither read-
able nor writeable. The activated level is indexed by the
stack pointer (SP) and is neither readable nor writeable.
At a subroutine call or interrupt acknowledge signal, the
contents of the program counter are pushed onto the
stack. At the end of a subroutine or an interrupt routine,
signaled by a return instruction (RET or RETI), the pro-
gram counter is restored to its previous value from the
stack. After a chip reset, the SP will point to the top of the
stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag will be recorded but the
acknowledge signal will be inhibited. When the stack
pointer is decremented (by RET or RETI), the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
In a similar case, if the stack is full and a
²CALL² is sub-
1 6 b i t s
1 F F F H
n F F H
P r o g r a m
M e m o r y
D e v i c e I n i t i a l i z a t i o n P r o g r a m
E x t e r n a l I n t e r r u p t S u b r o u t i n e
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t S u b r o u t i n e
L o o k - u p T a b l e ( 2 5 6 w o r d s )
L o o k - u p T a b l e ( 2 5 6 w o r d s )
N o t e : n r a n g e s f r o m 0 t o 1 F
0 0 C H
n 0 0 H
0 0 8 H
0 0 4 H
0 0 0 H
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t S u b r o u t i n e
Program Memory
Instruction
Table Location
*12~*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
TBHP
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
11111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*12~*0: Table location bits
@7~@0: Table pointer bits


Similar Part No. - HT48CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA1 HOLTEK-HT48CA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48CA1 HOLTEK-HT48CA1 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com