Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD3J5-61-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LFD3J5-61-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.33 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD3J5-61-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD3J5-61-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD3J5-61-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ø0.51
TYP
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LFD3J5/61-XX-PF
Package Dimensions
PART NO.
Page 1/8
DIG.1
8.4
(0.33")
10.16
(0.4")
7.0
(0.28")
14.0
(0.55')
30.0(1.18")
DIG.2
DIG.3
DIG.4
LFD3J5/61-XX-PF
LIGITEK
PIN NO.1
2.54*9=22.86(0.9")
5.0
±0.5
A
F G B
C
D
DP
E
AM
PM
UC
LC
DP
ALM


Similar Part No. - LFD3J5-61-XX-PF

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
LFD30-2 SYSTEMSENSOR-LFD30-2 Datasheet
130Kb / 2P
   Low Flow Rate Waterflow Detectors
logo
LIGITEK electronics co....
LFD315-62-XX-PF LIGITEK-LFD315-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-62U-XX-PF LIGITEK-LFD315-62U-XX-PF Datasheet
260Kb / 9P
   FOUR DIGIT LED DISPLAY
LFD315-63-XX-G-PF LIGITEK-LFD315-63-XX-G-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX LIGITEK-LFD315-64-XX Datasheet
112Kb / 8P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
More results

Similar Description - LFD3J5-61-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD355-61-XX-PF LIGITEK-LFD355-61-XX-PF Datasheet
151Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
LFD355-62-XX-PF LIGITEK-LFD355-62-XX-PF Datasheet
151Kb / 9P
   FOUR DIGIT LED DISPLAY (0.33 Inch)
logo
BRIGHT LED ELECTRONICS ...
BQ-N30DRD BRIGHT-BQ-N30DRD Datasheet
144Kb / 3P
   0.33(8.40MM) FOUR DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW4-332 LUCKY-LIGHT-KW4-332 Datasheet
48Kb / 1P
   LED Numeric Display Four Digit (0.33)
logo
BRIGHT LED ELECTRONICS ...
BQ-N306RD BRIGHT-BQ-N306RD Datasheet
147Kb / 3P
   0.33(8.40MM) FOUR DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW4-331 LUCKY-LIGHT-KW4-331 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.33)
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com