Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48RA5 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT48RA5
Description  Remote Type 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48RA5 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT48RA5_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 9Page - Holtek Semiconductor Inc HT48RA5_09 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
HT48RA5/HT48CA5
Rev. 1.40
6
May 22, 2009
Functional Description
Execution Flow
The system clock for the MCU is derived from either a
crystal or an RC oscillator. The system clock is internally
divided into four non-overlapping clocks. One instruc-
tion cycle consists of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes an instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to effectively execute in a cycle. If an instruction
changes the program counter, two cycles are required to
complete the instruction.
Program Counter
- PC
The program counter (PC) controls the sequence in
which the instructions stored in the program ROM are
executed and its contents specify a full range of pro-
gram memory.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading register, subroutine call or return from
subroutine, initial reset, internal interrupt, external inter-
rupt or return from interrupts, the PC manipulates the
program transfer by loading the address corresponding
to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get the proper instruction.
Otherwise proceed to the next instruction.
The lower byte of the program counter (PCL) is a read-
able and writeable register (06H). Moving data into the
PCL performs a short jump. The destination will be
within the current program ROM page.
When a control transfer takes place, an additional
dummy cycle is required.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow
Mode
Program Counter
*15~*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
00000000
00000000
External Interrupt
00000000
00000100
Timer/Event Counter 0 Overflow
00000000
00001000
Timer/Event Counter 1 Overflow
00000000
00001100
Skip
*15~*13 (*12~*0+2)=(within-current bank)
Loading PCL
*15~*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#15~#8
#7
#6
#5
#4
#3
#2
#1
#0
Return (RET, RETI)
S15~S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*15~*0: Program counter bits
S15~S0: Stack register bits
#15~#0: Instruction code bits
@7~@0: PCL bits
1 bank: 8K words


Similar Part No. - HT48RA5_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
More results

Similar Description - HT48RA5_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com