Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD4E5-62V-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LFD4E5-62V-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.4 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4E5-62V-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD4E5-62V-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD4E5-62V-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
12.55
±0.5
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PIN NO.1
LFD4E5/62V-XX-PF
LIGITEK
2.54X12=30.48
(1.2")
6.4
(0.252")
DP
D
A
C
E
F
G
B
ψ1.4(0.055)
10.3(0.406")
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
39.2(1.543")
LFD4E5/62V-XX-PF
Package Dimensions
10.16
(0.4")
DIG.1
PART NO.
DIG.4
DP2
DIG.3
UC
DIG.2
12.9
(0.508")
1/8
Page
Ø0.45
TYP


Similar Part No. - LFD4E5-62V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4E5-62V-XX-RP35-PF LIGITEK-LFD4E5-62V-XX-RP35-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
More results

Similar Description - LFD4E5-62V-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4D5-65-XX-RP3-PF LIGITEK-LFD4D5-65-XX-RP3-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-RP9-PF LIGITEK-LFD4C5-62-XX-RP9-PF Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-62-XX-PF LIGITEK-LFD4C5-62-XX-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4C5-64SF-XX LIGITEK-LFD4C5-64SF-XX Datasheet
147Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-62-XX-RP3-PF LIGITEK-LFD4D5-62-XX-RP3-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4D5-65-XX-RP32-PF LIGITEK-LFD4D5-65-XX-RP32-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX LIGITEK-LFD4E5-62-XX Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-62-XX-SRP128 LIGITEK-LFD4E5-62-XX-SRP128 Datasheet
121Kb / 8P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD4E5-65-XX-PF LIGITEK-LFD4E5-65-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
LFD455-65-XX-PF LIGITEK-LFD455-65-XX-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.4 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com