Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56R644 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT56R644
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R644 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT56R644 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R644 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
Pin Description
The following table depicts the pins common to all devices.
Pin Name
I/O
Configuration
Option
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4 or
PA4/TMR1 or
PA4/TMR2
PA5~PA7
I/O
BZ/BZ
PFD
Bidirectional 8-bit input/output port. Each individual bit on this port can be
configured as a wake-up input using the PAWU register. Software instruc-
tions determine if the pin is a CMOS output or Schmitt trigger input. A
pull-high resistor can be connected to each pin using the PAPU register. Pins
PA0, PA1 and PA3 are shared with BZ, BZ and PFD respectively, the function
of which is chosen via configuration option. Pins PA0~PA3 can also be setup
as open drain pins using the MISC register. The HT56R642 has no shared
pins with PA4. Pin PA4 is shared with TMR1 on the HT56R62 and with TMR2
on the HT56R65, HT56R654, HT56R656 and HT56R666.
PB0/AN0~
PB7/AN7
or
PB0/AN0~
PB5/AN5
I/O
¾
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A pull-high resistor can be con-
nected to each pin using the PBPU register. PB is pin-shared with the A/D in-
put pins. The A/D inputs are selected via software instructions. Once selected
as an A/D input, the I/O function and pull-high resistor selections are disabled
automatically. HT56R62 has six PB pins, PB0/AN0~PB5/AN5 only.
PD0/PWM0~
PD3/PWM3
PD4/INT0
PD5/INT1
PD6/TMR0
PD7/TMR1
I/O
¾
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. A pull-high resistor can be con-
nected to each pin using the PDPU register. The PWM outputs,
PWM0~PWM3, are pin shared with pins PD0~PD3, the function of which is
chosen using the PWM registers. Pins PD4~PD7 are pin-shared with INT0,
INT1, TMR0 and TMR1 respectively. HT56R62 has three PWM pins and PD7
is not available.
OSC1
OSC2
I
O
Crystal or RC
or EC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/4 frequency.
EC is external clock mode, we can connect OSC1 pin with external clock
source directly.
OSC3
OSC4
I
O
32768Hz
OSC3 and OSC4 are connected to a 32768Hz crystal oscillator to form a real
time clock for timing purposes and for fSUB or fSL. This 32768Hz crystal is dis-
abled/enabled by configuration option.
VREF
I
¾
A/D reference voltage input pin
RES
I
¾
Schmitt Trigger reset input. Active low
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground
AVDD
¾¾
Analog positive power supply
AVSS
¾¾
Analog negative power supply, ground
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
5
July 20, 2009


Similar Part No. - HT56R644

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R644 HOLTEK-HT56R644 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R644 HOLTEK-HT56R644_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results

Similar Description - HT56R644

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66_14 Datasheet
4Mb / 123P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
   TinyPower A/D Type with LCD 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
   A/D with LCD Type 8-Bit OTP MCU
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
   A/D with LCD Type 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
   TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com