Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82D22R Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT82D22R
Description  27MHz Two Channel RX 8-Bit MCU
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82D22R Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT82D22R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
HT82D22R/HT82D22A
Rev. 1.00
7
November 6, 2009
Functional Description
Execution Flow
The External crystal must use 12MHZ but the system
clock for the microcontroller is derived from 6MHZ inter-
nal clock. The system clock is internally divided into four
non- overlapping clocks. One instruction cycle consists
of four system clock cycles.
Instruction fetching and execution are pipelined in such
a way that a fetch takes an instruction cycle while de-
coding and execution takes the next instruction cycle.
However, the pipelining scheme causes each instruc-
tion to be effectively executed in a cycle. If an instruction
changes the program counter, two cycles are required to
complete the instruction.
Program Counter
- PC
The program counter (PC) controls the sequence in
which the instructions stored in the program ROM are
executed and its contents specify a full range of pro-
gram memory.
After accessing a program memory word to fetch an in-
struction code, the contents of the program counter are
incremented by one. The program counter then points to
the memory word containing the next instruction code.
When executing a jump instruction, conditional skip ex-
ecution, loading to the PCL register, performing a sub-
routine call or return from subroutine, initial reset,
internal interrupt, external interrupt or return from inter-
rupts, the PC manipulates the program transfer by load-
ing the address corresponding to each instruction.
The conditional skip is activated by instructions. Once
the condition is met, the next instruction, fetched during
the current instruction execution, is discarded and a
dummy cycle replaces it to get the proper instruction.
Otherwise proceed with the next instruction.
The lower byte of the program counter (PCL) is a read-
able and writeable register (06H). Moving data into the
PCL performs a short jump. The destination will be
within the current program ROM page.
When a control transfer takes place, an additional
dummy cycle is required.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
F e t c h I N S T ( P C )
E x e c u t e I N S T ( P C - 1 )
F e t c h I N S T ( P C + 1 )
E x e c u t e I N S T ( P C )
F e t c h I N S T ( P C + 2 )
E x e c u t e I N S T ( P C + 1 )
P C
P C + 1
P C + 2
S y s t e m C l o c k
O S C 2 ( R C o n l y )
P C
Execution Flow
Mode
Program Counter
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
000000000000
USB Interrupt
000000000100
Timer/Event Counter 0 Overflow
000000001000
Timer/Event Counter 1 Overflow
000000001100
Skip
Program Counter+2
Loading PCL
*11
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note: *11~*0: Program counter bits
S11~S0: Stack register bits
#11~#0: Instruction code bits
@7~@0: PCL bits


Similar Part No. - HT82D22R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D22R HOLTEK-HT82D22R Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82D22R HOLTEK-HT82D22R_10 Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
More results

Similar Description - HT82D22R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82D22R HOLTEK-HT82D22R_10 Datasheet
271Kb / 41P
   27MHz Two Channel RX 8-Bit MCU
HT82D20R HOLTEK-HT82D20R_10 Datasheet
284Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82D20R HOLTEK-HT82D20R Datasheet
271Kb / 42P
   27MHz One Channel RX 8-Bit MCU
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
   27MHz Keyboard/ Mouse TX 8-Bit MCU
HT98R068-1 HOLTEK-HT98R068-1_13 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
logo
Taiwan Memory Technolog...
T81L0003B TMT-T81L0003B Datasheet
100Kb / 16P
   8-bit MCU
T81L0010A TMT-T81L0010A_06 Datasheet
104Kb / 17P
   8-bit MCU
logo
ELAN Microelectronics C...
EM78P803A EMC-EM78P803A Datasheet
1Mb / 41P
   8-bit MCU
logo
Taiwan Memory Technolog...
T81L0010A TMT-T81L0010A Datasheet
99Kb / 15P
   8-bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com