Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82K68E-L Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82K68E-L
Description  Multimedia Keyboard Encoder 8-Bit MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K68E-L Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82K68E-L_09 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K68E-L_09 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Mask
Option
Description
PA0~PA7
I/O
Wake-up
Pull-high
or None
Bidirectional 8-bit input/output port. Each bit can be configured as a wake-up input
by mask option. Software* instructions determine the CMOS output or Schmitt
Trigger input with or without 12K pull-high resistor.
PB0~PB7
I/O
Pull-high
or None
Bidirectional 8-bit input/output port. Software* instructions determine the output or
Schmitt Trigger input with or without pull-high resistor.
PC0
I/O
Wake-up
Pull-high
or None
This pin is an I/O port. NMOS open drain output with pull-high resistor and can be
used as DATA or CLOCK line of PS2. This pin can be configured as a wake-up
input by mask option.
PC1
I/O
Wake-up
Pull-high
or None
This pin is an I/O port. NMOS open drain output with pull-high resistor and can be
used as DATA or CLOCK line of PS2. This pin can be configured as a wake-up
input by mask option.
PC2~PC3
I/O
Wake-up
Pull-high
or None
Bidirectional 2-bit input/output port. Each bit can be configured as a wake-up input
by mask option. Software* instructions determine the CMOS output or Schmitt
Trigger input with or without pull-high resistor.
PC2 also as external interrupt input pin. PE0 determine whether rising edge or
falling edge of PC2 to trigger the INT circuit.
PC4~PC7
I/O
Pull-high
or None
Bidirectional 4-bit input/output port. Software* instructions determine the CMOS
output or Schmitt Trigger input with or without pull-high resistor.
PD0~PD7
I/O
Pull-high
or None
Bidirectional 8-bit input/output port. Software* instructions determine the CMOS
output or Schmitt Trigger input with or without pull-high resistor.
HT82K68E-L/HT82K68A-L
Rev. 1.30
3
August 5, 2009
P B 5
P B 4
P A 3
P A 2
P A 1
P A 0
P B 3
P B 2
P B 1
P B 0
N C
N C
P D 7
P D 6
P D 5
P D 4
V S S
P E 2 ( L E D )
P E 3 ( L E D )
P C 0
P C 1
P C 2
P E 0
P E 1
P B 6
P B 7
P A 4
P A 5
P A 6
P A 7
N C
N C
N C
N C
O S C 2
O S C 1
V D D
R E S E T
P E 4 ( L E D )
P D 3
P D 2
P D 1
P D 0
P C 7
P C 6
P C 5
P C 4
P C 3
H T 8 2 K 6 8 E - L / H T 8 2 K 6 8 A - L
4 8 S S O P - A
4 8
4 7
4 6
4 5
4 4
4 3
4 2
4 1
4 0
3 9
3 8
3 7
3 6
3 5
3 4
3 3
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 8 2 K 6 8 E - L / H T 8 2 K 6 8 A - L
2 0 S O P - A
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
P A 3
P A 2
P A 1
P A 0
P B 1
P B 0
V S S
P E 2
P C 0
P C 1
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S E T
P C 3
P C 2
H T 8 2 K 6 8 E - L / H T 8 2 K 6 8 A - L
2 8 S O P - A
P B 5
P B 4
P A 3
P A 2
P A 1
P A 0
P B 3
P B 2
P B 1
P B 0
V S S
P C 1
P C 2
P C 3
P B 6
P B 7
P A 4
P A 5
P A 6
P A 7
O S C 2
O S C 1
V D D
R E S E T
P C 7
P C 6
P C 5
P C 4
1
2
3
4
5
6
7
8
9 1 0 1 1 1 2 1 3 1 4 1 5 1 6
1 7
1 8
1 9
2 0
2 1
2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
P D 0
P D 1
P D 2
R E S
V D D
O S C 1
O S C 2
P A 7
V S S
P D 4
P D 5
P B 0
P B 1
P B 2
P B 3
P A 0
H T 8 2 K 6 8 E - L
H T 8 2 K 6 8 A - L
3 2 Q F N - B


Similar Part No. - HT82K68E-L_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
More results

Similar Description - HT82K68E-L_09

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
   Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E_07 Datasheet
305Kb / 43P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K94E HOLTEK-HT82K94E Datasheet
321Kb / 44P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K68A HOLTEK-HT82K68A Datasheet
315Kb / 39P
   Multimedia Keyboard Encoder 8-Bit Mask MCU
HT82K68A HOLTEK-HT82K68A_01 Datasheet
259Kb / 30P
   8-Bit Multimedia Keyboard Encoder Mask MCU
HT82K68E HOLTEK-HT82K68E_07 Datasheet
270Kb / 39P
   Multimedia Keyboard Encoder 8-Bit OTP MCU
HT82K95E HOLTEK-HT82K95E_14 Datasheet
268Kb / 42P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95EE HOLTEK-HT82K95EE Datasheet
327Kb / 45P
   USB Multimedia Keyboard Encoder 8-Bit MCU
HT82K95E HOLTEK-HT82K95E Datasheet
347Kb / 48P
   USB Multimedia Keyboard Encoder 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com