Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD265-6A-XX-S1-PF Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LFD265-6A-XX-S1-PF
Description  FOUR DIGIT LED DISPLAY (0.28 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD265-6A-XX-S1-PF Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

  LFD265-6A-XX-S1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD265-6A-XX-S1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Page 7/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:Solder Temperature 1/16 Inch Below Seating
Plane For 3 Seconds At 260
°C
150
100
Time(sec)
2
°/sec
max
Preheat
50
5
°/sec
max
260
°C3sec Max
260°
120°
25°
60 Seconds Max
0
Temp(
°C)
LFD265/6A-XX/S1-PF
PART NO.


Similar Part No. - LFD265-6A-XX-S1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD265-6A-XX-RP85 LIGITEK-LFD265-6A-XX-RP85 Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results

Similar Description - LFD265-6A-XX-S1-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD265-62-XX-RP11-PF LIGITEK-LFD265-62-XX-RP11-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-63-XX-PF LIGITEK-LFD265-63-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD4H5-62-XX-S LIGITEK-LFD4H5-62-XX-S Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22V-XX-PF LIGITEK-LFD211-22V-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-PF LIGITEK-LFD211-22-XX-PF Datasheet
160Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-22-XX-SRP13-1 LIGITEK-LFD211-22-XX-SRP13-1 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-24S-XX-PF LIGITEK-LFD211-24S-XX-PF Datasheet
156Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-64-XX-PF LIGITEK-LFD265-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD211-21-XX LIGITEK-LFD211-21-XX Datasheet
100Kb / 8P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
LFD265-6A-XX-RP85-PF LIGITEK-LFD265-6A-XX-RP85-PF Datasheet
149Kb / 9P
   FOUR DIGIT LED DISPLAY (0.28 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com