Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD435-69-XX Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LFD435-69-XX
Description  FOUR DIGIT LED DISPLAY (0.39 Inch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD435-69-XX Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD435-69-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD435-69-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD435-69-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD435-69-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD435-69-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD435-69-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD435-69-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD435-69-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CHIP
Material
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Part Selection And Application Information(Ratings at 25
)
LFD4359-XX
AlGaInP
PART NO
Electrical
Common
Anode
605
Orange
2.6
2.1
17
1.7
λD
(nm)
common
cathode
or anode
Emitted
Vf(v)
Max.
Typ.
△λ
(nm)
Min.
2:1
50
37
Typ.
IV-M
Min.
Iv(mcd)
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Forward Current Per Chip
Power Dissipation Per Chip
Operating Temperature
Storage Temperature
Reverse Current Per Any Chip
Electrostatic Discharge
Solder Temperature 1-16 Inch Below Seating Plane For 3 Seconds At 260
Absolute Maximum Ratings at Ta=25
PART NO.
Parameter
30
IF
mA
2000
ESD
Tstg
Topr
-25 ~ +85
-25 ~ +85
PD
IFP
Ir
75
60
10
μA
mW
mA
μA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Symbol
Ratings
9SEF
4/7
Page
UNIT
LFD435/69-XX
LFD4369-XX
Common
Cathode


Similar Part No. - LFD435-69-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD435-69-XX-D1 LIGITEK-LFD435-69-XX-D1 Datasheet
104Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-PF LIGITEK-LFD435-69-XX-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-S2-PF LIGITEK-LFD435-69-XX-S2-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results

Similar Description - LFD435-69-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6A-XX-F2-PF LIGITEK-LFD4K5-6A-XX-F2-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6SBKS-XX-F2 LIGITEK-LFD4K5-6SBKS-XX-F2 Datasheet
108Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F1-PF LIGITEK-LFD4K5-61-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F6-PF LIGITEK-LFD4K5-61-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62-XX-F6-PF LIGITEK-LFD4K5-62-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com