Electronic Components Datasheet Search |
|
MPC5632MF0MLUA6 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MPC5632MF0MLUA6 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 118 page Overview MPC5634M Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Freescale Semiconductor 7 — Configurable bus speed modes — Bus monitor — Configurable wait states • System integration unit (SIU) — Centralized GPIO control of 80 I/O pins — Centralized pad control on a per-pin basis – Pin function selection – Configurable weak pull-up or pull-down – Drive strength –Slew rate – Hysteresis — System reset monitoring and generation — External interrupt inputs, filtering and control — Critical Interrupt control — Non-Maskable Interrupt control — Internal multiplexer subblock (IMUX) – Allows flexible selection of eQADC trigger inputs (eTPU, eMIOS and external signals) – Allows selection of interrupt requests between external pins and DSPI • Error correction status module (ECSM) — Configurable error-correcting codes (ECC) reporting • On-chip flash memory — Up to 1.5 MB flash memory, accessed via a 64-bit wide bus interface — 16 KB shadow block — Fetch Accelerator – Provide single cycle flash access @ 80 MHz – Quadruple 128-bit wide prefetch/burst buffers – Prefetch buffers can be configured to prefetch code or data or both — Censorship protection scheme to prevent flash content visibility — Flash divided into two independent arrays, allowing reading from one array while erasing/programming the other array (used for EEPROM emulation) — Memory block: – For MPC5634M: 18 blocks (4 × 16 KB, 2 × 32 KB, 2 × 64 KB, 10 × 128 KB) – For MPC5633M: 14 blocks (4 × 16 KB, 2 × 32 KB, 2 × 64 KB, 6 × 128 KB)1 – For MPC5632M: 12 blocks (4 × 16 KB, 2 × 32 KB, 2 × 64 KB, 4 × 128 KB) — Hardware programming state machine • On-chip static RAM — For MPC5634M: 94 KB general purpose RAM of which 32 KB are on standby power supply — For MPC5633M: 64 KB general purpose RAM of which 24 KB are on standby power supply2 — For MPC5632M: 48 KB general purpose RAM of which 24 KB are on standby power supply • Boot assist module (BAM) — Enables and manages the transition of MCU from reset to user code execution in the following configurations: – Execution from internal flash memory 1. Revision 1 of the MPC5633M has a different flash memory organization: 10 blocks (2 × 16 KB, 2 × 48 KB, 2 × 64 KB, 2 × 128 KB, 2 × 256 KB). 2. Revision 1 of the MPC5633M has a different RAM organization: 48 KB general-purpose RAM, of which 24 KB are on the standby power supply. |
Similar Part No. - MPC5632MF0MLUA6 |
|
Similar Description - MPC5632MF0MLUA6 |