Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5632MF0MMGA6 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5632MF0MMGA6
Description  microcontroller units (MCUs)
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5632MF0MMGA6 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5632MF0MMGA6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5632MF0MMGA6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
Overview
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
3
1
Overview
This document provides electrical specifications, pin assignments, and package diagrams for the MPC5634M series of
microcontroller units (MCUs). For functional characteristics, refer to the MPC5634M Microcontroller Reference Manual.
The MPC5634M series microcontrollers are system-on-chip devices that are built on Power ArchitectureTM technology and:
Are 100% user-mode compatible with the Power Architecture instruction set
Contain enhancements that improve the architecture’s fit in embedded applications
Include additional instruction support for digital signal processing (DSP)
Integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital converter,
Controller Area Network, and an enhanced modular input-output system
1.1
Device comparison
Table 1. MPC5634M family device summary
Feature
MPC5634M
MPC5633M
MPC5632M
Flash memory size (KB)
1536
1024
768
Total RAM size (KB)
94
64
48
Standby RAM size (KB)
32
24
24
Processor core
32-bit e200z335
with SPE support
32-bit e200z335
with SPE support
32-bit e200z335
with SPE support
Core frequency (MHz)
60/80
40/60/80
40/60
Calibration bus width1
16 bits
16 bits
DMA (direct memory access) channels
32
32
32
eMIOS (enhanced modular input-output system)
channels
16
16
8
eQADC (enhanced queued analog-to-digital
converter) channels (on-chip)
Up to 342
Up to 342
Up to 322
eSCI (serial communication interface)
2
2
2
DSPI (deserial serial peripheral interface)
2
2
2
Microsecond Bus compatible interface
2
2
2
eTPU (enhanced time processor unit)
Yes
Yes
Yes
Channels
32
32
32
Code memory (KB)
14
14
14
Parameter RAM (KB)
3
3
3
FlexCAN (controller area network)3
22
2
FMPLL (frequency-modulated phase-locked loop)
Yes
Yes
Yes
INTC (interrupt controller) channels
3644
3644
3644
JTAG controller
Yes
Yes
Yes
NDI (Nexus development interface) level
Class 2+
Class 2+
Class 2+
Non-maskable interrupt and critical interrupt
Yes
Yes
Yes


Similar Part No. - MPC5632MF0MMGA6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5632MMLL40 FREESCALE-MPC5632MMLL40 Datasheet
1Mb / 106P
   Microcontroller
MPC5632MMLL60 FREESCALE-MPC5632MMLL60 Datasheet
1Mb / 106P
   Microcontroller
MPC5632MMLQ40 FREESCALE-MPC5632MMLQ40 Datasheet
1Mb / 106P
   Microcontroller
MPC5632MMLQ60 FREESCALE-MPC5632MMLQ60 Datasheet
1Mb / 106P
   Microcontroller
More results

Similar Description - MPC5632MF0MMGA6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604P FREESCALE-MPC5604P Datasheet
1Mb / 84P
   microcontroller units (MCUs)
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Renesas Technology Corp
HD6432633 RENESAS-HD6432633 Datasheet
5Mb / 1453P
   Series of Microcomputers (MCUs: microcomputer units)
logo
Motorola, Inc
MC68HC05C12 MOTOROLA-MC68HC05C12 Datasheet
9Mb / 165P
   HCMOS MICROCONTROLLER UNITS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
   8-bit microcontroller units
logo
Motorola, Inc
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
   8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05J5A FREESCALE-68HC05J5A Datasheet
1Mb / 106P
   8-bit microcontroller units
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com