Electronic Components Datasheet Search |
|
PPC5732MF0MLQA8 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc |
|
PPC5732MF0MLQA8 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 118 page Overview MPC5634M Microcontroller Data Sheet, Rev. 4 Preliminary—Subject to Change Without Notice Freescale Semiconductor 3 1 Overview This document provides electrical specifications, pin assignments, and package diagrams for the MPC5634M series of microcontroller units (MCUs). For functional characteristics, refer to the MPC5634M Microcontroller Reference Manual. The MPC5634M series microcontrollers are system-on-chip devices that are built on Power ArchitectureTM technology and: • Are 100% user-mode compatible with the Power Architecture instruction set • Contain enhancements that improve the architecture’s fit in embedded applications • Include additional instruction support for digital signal processing (DSP) • Integrate technologies such as an enhanced time processor unit, enhanced queued analog-to-digital converter, Controller Area Network, and an enhanced modular input-output system 1.1 Device comparison Table 1. MPC5634M family device summary Feature MPC5634M MPC5633M MPC5632M Flash memory size (KB) 1536 1024 768 Total RAM size (KB) 94 64 48 Standby RAM size (KB) 32 24 24 Processor core 32-bit e200z335 with SPE support 32-bit e200z335 with SPE support 32-bit e200z335 with SPE support Core frequency (MHz) 60/80 40/60/80 40/60 Calibration bus width1 16 bits 16 bits — DMA (direct memory access) channels 32 32 32 eMIOS (enhanced modular input-output system) channels 16 16 8 eQADC (enhanced queued analog-to-digital converter) channels (on-chip) Up to 342 Up to 342 Up to 322 eSCI (serial communication interface) 2 2 2 DSPI (deserial serial peripheral interface) 2 2 2 Microsecond Bus compatible interface 2 2 2 eTPU (enhanced time processor unit) Yes Yes Yes Channels 32 32 32 Code memory (KB) 14 14 14 Parameter RAM (KB) 3 3 3 FlexCAN (controller area network)3 22 2 FMPLL (frequency-modulated phase-locked loop) Yes Yes Yes INTC (interrupt controller) channels 3644 3644 3644 JTAG controller Yes Yes Yes NDI (Nexus development interface) level Class 2+ Class 2+ Class 2+ Non-maskable interrupt and critical interrupt Yes Yes Yes |
Similar Part No. - PPC5732MF0MLQA8 |
|
Similar Description - PPC5732MF0MLQA8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |