Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLM5-450E Datasheet(PDF) 1 Page - Powerbox

Part # DLM5-450E
Description  3000-4000 WATTS PROGRAMMABLE DC SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DLM5-450E Datasheet(HTML) 1 Page - Powerbox

  DLM5-450E Datasheet HTML 1Page - Powerbox DLM5-450E Datasheet HTML 2Page - Powerbox DLM5-450E Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
488
Specifications
INPUT
Input Voltage
3KW:180-264VAC, single or three phase
(<200VAC range limited to 40°C maximum) 4KW:180-
264VAC, three phase (<200VAC range limited to 40°C
maximum)
Frequency
47-63Hz for both single and three phase input
Power Factor
0.95 typical with three phase input
0.98 typical with single phase input
ENVIRONMENTAL
Operating temperature 0°C to 50° (No De-rating)
Storage temperature
-40°C to 65°C
Cooling
Internal fan with over-temperature protection
OUTPUT
Voltage adjustment
Zero to rated output
Current adjustment
Zero to rated output
Ripple & Noise
See table
Regulation
(Line or Load)
Voltage: 0.05% of maximum rated output +2mV
Current: 0.1% of maximum rated output
Transient response
Typically recovers in 1ms to within 1% of steady-state
output voltage (greater than 50% Vmax) for a 70-
100% or 100-70% load change
Stability
+/-0.05% of maximum voltage or current over 8 hours
after 15 minute warm-up time at fixed line, load and
temperature
Temperature coefficient 0.02%/°C of maximum output voltage
0.03%/°C of maximum output current
DLM Series
3000-4000 WATTS PROGRAMMABLE DC SUPPLY
OPERATING
Efficiency
5-8V Models: 82% typical
16-80V Models: 87% typical
150-600V Models: 85% typical
Remote sense
The maximum allowed sense line drop is 2V for 5V, 8V
and 16V models and 5V for all other models
Remote sense protection
Unit will not be damaged due to misconnection of the
remote sense leads
Remote programming
Voltage, current (0-100%) and OVP (5-110%) of full
scale can be programmed by selectable 0-5VDC, 0-
10VDC, or 0-5k
Ω
Remote monitoring
Voltage or current can be monitored with user-
selectable ranges, 0-5VDC or 0-10VDC
Over-voltage protection Crowbar type adjustable from 5-110% rated output
using front panel control
(local or remote program selectable)
Displays and indicators Two 3.5 digital LED displays indicate output voltage,
output current and over-voltage setting. LED indication
for power on, shut-down, remote, overvoltage, over-
temperature and front panel lockout, constant voltage
and constant current modes. IEEE-488.2 indicators
include error, SRQ and address
Software
LabVIEW® driver for M9E/M85
(Contact Powerbox)
Built-in protection
Over-voltage (resets by cycling the Enable/standby
switch), over-temperature (will automatically reset)
Operational features
Master/slave parallel operation, up to 2 units can be
connected in parallel with active current sharing
control to within 10% of each supply. Series operation,
up to 3 units of the same model type can be connected
in series (consult manual). Negative terminal rated at
150Vmax Above ground
Regulatory compliance
CE Mark on all models
Features
High power density
Preview push button
Remote voltage sense & remote operation
Calibration without removing covers
Regulatory compliance
Parrallel or series operation
IEEE-488.2 and RS-232 interface options


Similar Part No. - DLM5-450E

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
DLM5-1551 RHOMBUS-IND-DLM5-1551 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
DLM5-1555 RHOMBUS-IND-DLM5-1555 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
DLM5-1557 RHOMBUS-IND-DLM5-1557 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
DLM5-391 RHOMBUS-IND-DLM5-391 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
DLM5-395 RHOMBUS-IND-DLM5-395 Datasheet
32Kb / 1P
   TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
More results

Similar Description - DLM5-450E

ManufacturerPart #DatasheetDescription
logo
Powerbox
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
DCS8-140E POWERBOX-DCS8-140E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
XP Power Limited
HDL3000-SERIES XPPOWER-HDL3000-SERIES Datasheet
962Kb / 6P
   3000 Watts
logo
Astec America, Inc
HPS3KW ASTEC-HPS3KW Datasheet
225Kb / 3P
   3000 Watts
logo
Powerbox
PBSP-740 POWERBOX-PBSP-740 Datasheet
578Kb / 2P
   72VDC, 4000 WATTS RAILWAY DC/AC INVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com