Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM25-39A Datasheet(PDF) 1 Page - Powerbox

Part # PM25-39A
Description  25-28 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM25-39A Datasheet(HTML) 1 Page - Powerbox

  PM25-39A Datasheet HTML 1Page - Powerbox PM25-39A Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
330
PM25A Series
25-28 W A TTS SINGLE & MUL TIPLE OUTPUT AC/DC MEDICAL
Specifications
INPUT
Input voltage
85–264Vac wide input
Frequency
47Hz–63Hz
Input current
0.7A (rms) for 115Vac.
0.4A (rms) for 230Vac.
Leakage current
90µA max. @ 115Vac. 60Hz.
150µA max. @ 230Vac. 50Hz.
Isolation
Input – Output: 4000VAC
Input – Ground: 1500VAC
Output – Ground: 500VAC
Inrush Current
10A @ 115V, 25A @ 230V
OUTPUT
Output Voltage
See table.
Output Voltage Adjustment
V1 only ±10%.
Output Current
See table.
Ripple & Noise
1% peak to peak max.
Line Regulation
±0.5% maximum at full load.
Load Regulation
See table.
Transient Response
Max. deviation 4% recovering to 1% within 500µs
after 25% load charge
Overvoltage Protection
Provided on V1 only. Set at 110%–132% of
nominal
Overcurrent Protection
All outputs protected for short circuit conditions
Temperature Coefficient
All outputs ±0.04% per °C
Holdup Time
Typically 10ms at 110VAC
OPERATING
MTBF
500,000 hrs @ 25°C
Efficiency
68%–70%
ENVIRONMENTAL
Operating Temperature
0°C to 70°C
Derating
Derate to 50% at 70°C
Storage Temperature
-40°C to 85°C
Relative Humidity
5%–95% non-condensing
STANDARDS AND APPROVALS
Safety standards
UL2601-1, CSA C22.2, TUV EN60601-1
C-Tick
AS/NZS CISPR11 Group 1, Class A
EMC standards
EN60601-1-2: 2001 EN61000-4-2, EN61000-4-
3,EN61000-4-4, EN61000-4-5, EN61000-4-
6,EN61000-4-8, EN61000-4-11
EMI standards
EN55011 Class B, FCC Class B, VCCI Class B
MECHANICAL
Dimensions
107.95x63.5x24.38mm
Weight
Single output model: 163grams.
Multi-output model: 175 grams.
Features
• Low safety ground leakage current.
• Wide input range 85 to 264Vac.
• Input surge current protection.
• Overvoltage protection.
• Overcurrent protection.
• Open PCB construction.
• 100% burn-in at full rated load.


Similar Part No. - PM25-39A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM25-39A POWERBOX-PM25-39A Datasheet
302Kb / 2P
   2 5 - 2 8 WAT T S - A C / D C S I N G L E - M U LT I P L E O U T P U T
More results

Similar Description - PM25-39A

ManufacturerPart #DatasheetDescription
logo
Powerbox
PM200 POWERBOX-PM200 Datasheet
828Kb / 2P
   200 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM40AL POWERBOX-PM40AL Datasheet
566Kb / 2P
   40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PMP30 POWERBOX-PMP30 Datasheet
465Kb / 2P
   25 - 30 WATTS SINGLE OUTPUT AC/DC MEDICAL
OBP02013 POWERBOX-OBP02013 Datasheet
802Kb / 3P
   200-300 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM41 POWERBOX-PM41 Datasheet
661Kb / 2P
   30 -40 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM65 POWERBOX-PM65 Datasheet
591Kb / 2P
   50 - 65 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM110 POWERBOX-PM110 Datasheet
793Kb / 2P
   72 - 110 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM650 POWERBOX-PM650 Datasheet
444Kb / 3P
   650 - 700 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
PM450 POWERBOX-PM450 Datasheet
439Kb / 3P
   450 - 480 watts single & multiple output ac/dc medical
PMP55 POWERBOX-PMP55 Datasheet
491Kb / 2P
   40 - 55 WATTS SINGLE & MULTIPLE OUTPUT AC/DC MEDICAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com