Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC2000220-36 Datasheet(PDF) 1 Page - Powerbox

Part # PC2000220-36
Description  1000-2000 WATTS DC/DC SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PC2000220-36 Datasheet(HTML) 1 Page - Powerbox

  PC2000220-36 Datasheet HTML 1Page - Powerbox PC2000220-36 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
139
PC2000
1000-2000 W A TTS DC/DC SINGLE
Features
Overvoltage protection, (OVP).
Alarm circuit with relay output.
Current sharing.
Inhibit/Power down input.
Over voltage protection OVP.
Output voltage adjustable on front panel.
Operating temperature -25 to +55
OC.
Specifications
INPUT
Voltage
20 - 30V (24), 41 - 60V(48), 93 - 150V (110),
187 - 300V (220)
Isolation
Input – Output: 4kVd
(Input code 24, 48, 72)
Input – Output: 3kVac / 4.3kVdc
(Input code 110, 220)
Input – Alarm: 2.5kVdc
(Input – Output 24, 48, 72)
Input – Alarm: 3kVac / 4.3kVdc
(Input code 110, 220)
Input – Case: 2.5kVdc
(Input code 24, 48, 72)
Input – Case: 3kVac / 4.3kVdc
(Input – code 110, 220)
Alarm – Case: 2.5kVdc
Output – Case: 2.5kVdc
Output – Alarm: 2.5kVdc
OUTPUT
Voltage
See table.
Current
See table.
Source regulation
0.1%.
Load regulation
0.5% 0.2% (with sense connected) 0-100%
Output ripple
30mV p-p (120kHz)
Voltage adjustment
95% - 110%.
Current limit protection
105%.
Overvoltage protection
115%.
Reverse voltage protection
Yes.
Over/under voltage alarm
90%-115% of nominal output.
Overheated alarm
Yes.
Remote sense
Yes.
Soft start
Yes.
Start-up time
<3s
Hold-up time
2-25ms
Efficiency
89-93%
ENVIRONMENTAL
Operating temperature
-25°C to 55°C (100% load). -25°C to +70°C (with
derating), contact Powerbox for details.
Temperature coefficient
0.02%.
Storage temperature
-40°C to 85°C.
GENERAL
Cooling
See table.
Mounting brackets
Please consult Powerbox for mounting options
Optional Features
- Conformally coating, option I. For environment with
high non-condensing humidity max 98% RH.
- Series diode on output. Specify series diode output
when the output is connected in parallel with other
power supply to achieve redundancy. The output is
derated 10% on 24V and 5% on 48V.
-Train input, option T.
Input voltage range according to train Standard
EN50155 and IEC 60751.
STANDARDS
Safety
EN/IEC60950-1: 2001
C-tick
AS/NZS CISPR11 Group 1, Class A
EMI
IEC/EN61000-6-2, EN55011/EN55022 class B,
EMC
IEC/EN 61000-6-2
IEC/EN 61000-4-2
IEC/EN 61000-4-3
IEC/EN 61000-4-4
IEC/EN 61000-4-5
IEC/EN 61000-4-6
IEC/EN 61000-4-8
IEC/EN 61000-4-10


Similar Part No. - PC2000220-36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PC200 VISHAY-PC200 Datasheet
122Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 20-Nov-01
logo
FIBOX Enclosing innovat...
PC200/100XHG FIBOX-PC200/100XHG Datasheet
68Kb / 3P
   Enclosure. PC
05.08.2022
PC200/175XHT FIBOX-PC200/175XHT Datasheet
457Kb / 3P
   Enclosure. PC
05.08.2022
logo
Powertip Technology
PC2001-L POWERTIP-PC2001-L Datasheet
48Kb / 1P
   OUTLINE DIMENSION & BLOCK DIAGRAM
logo
Nihon Inter Electronics...
PC20012 NIEC-PC20012 Datasheet
204Kb / 3P
   DIODE MODULE 200A/1200 to 1600V
More results

Similar Description - PC2000220-36

ManufacturerPart #DatasheetDescription
logo
Powerbox
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PM150 POWERBOX-PM150 Datasheet
911Kb / 2P
   120 - 240 WATTS DC/DC SINGLE
DCS8-140E POWERBOX-DCS8-140E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
PU300 POWERBOX-PU300 Datasheet
751Kb / 2P
   216 - 500 WATTS DC/DC SINGLE
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
   150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com