Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150D24 Datasheet(PDF) 2 Page - Powerbox

Part # PM150D24
Description  120 - 240 WATTS DC/DC SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PM150D24 Datasheet(HTML) 2 Page - Powerbox

  PM150D24 Datasheet HTML 1Page - Powerbox PM150D24 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
132
Technical Illustrations
PM 150-PM240
Selection Table
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PM150A12
10-30V
12V
10A
120W
PM150A13.8
10-30V
13.8V
8.7A
120W
PM150A15
10-30V
15V
8A
120W
PM150A24
10-30V
24V
5A
120W
PM150A48
10-30V
48V
2.5A
120W
PM150B12
20-60V
12V
12.5A
150W
PM150B13.8
20-60V
13.8V 10.9A
150W
PM150B15
20-60V
15V
10A
150W
PM150B24
20-60V
24V
6.25A
150W
PM150B28
20-60V
28V
5.36A
150W
PM150B36
20-60V
36V
4.17A
150W
PM150B48
20-60V
48V
3.13A
150W
PM150C12
50-150V
12V
12.5A
150W
PM150C13.8 50-150V
13.8V 10.9A
150W
PM150-PM240
120-240 W A TTS DC/DC SINGLE
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PM150C15
50-150V
15V
10A
150W
PM150C24
50-150V
24V
6.25A
150W
PM150C28
50-150V
28V
5.36A
150W
PM150C48
50-150V
48V
3.13A
150W
PM150D12
90-270V
12V
12.5A
150W
PM150D13.8
90-270V
13.8V
10.9A
150W
PM150D15
90-270V
15V
10A
150W
PM150D24
90-270V
24V
6.25A
150W
PM150D28
90-270V
28V
5.36A
150W
PM150D48
90-270V
48V
3.13A
150W
PM240 24/24
18-32V
24V
9A
216W
PM240 24/48
18-32V
48V
4.5A
216W
PM240 24/60
18-32V
60V
3.6A
216W
PM240 24/110
18-32V
110V
1.97A
216W
MODEL
NUMBER
INPUT
OUTPUT
OUTPUT
POWER
PM240 48/24
38-60V
24V
10A
240W
PM240 48/36
38-60V
36V
6.7A
240W
PM240 48/48
38-60V
48V
5A
240W
PM240 48/60
38-60V
60V
4A
240W
PM240 48/110
38-60V
110V
2.2A
240W
PM240 110/24
88-150V
24V
10A
240W
PM240 110/48
88-150V
48V
5A
240W
PM240 110/60
88-150V
60V
4A
240W
PM240 110/110
88-150V
110V
2.2A
240W
PM240 220/24
175-300V
24V
10A
240W
PM240 220/48
175-300V
48V
5A
240W
PM240 220/60
175-300V
60V
4A
240W
PM240 220/110 175-300V
110V
2.2A
240W


Similar Part No. - PM150D24

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
logo
Mitsubishi Electric Sem...
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
65Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150DSA120 MITSUBISHI-PM150DSA120_00 Datasheet
65Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150D24

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PUP120 POWERBOX-PUP120 Datasheet
654Kb / 2P
   120 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
   120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
logo
Powerbox
PSC240ACR15 POWERBOX-PSC240ACR15 Datasheet
517Kb / 3P
   100 - 240 WATTS AC/DC SINGLE MULTI OUTPUT
PBDD-5026J POWERBOX-PBDD-5026J Datasheet
314Kb / 1P
   52-132 WATTS DC/DC SINGLE
PM250 POWERBOX-PM250 Datasheet
473Kb / 2P
   187 - 250 WATTS DC/DC SINGLE
S600 POWERBOX-S600 Datasheet
418Kb / 1P
   350 WATTS DC/DC SINGLE OUTPUT
PU600 POWERBOX-PU600 Datasheet
861Kb / 2P
   480 - 1000 WATTS DC/DC SINGLE
PBI2H-1205F POWERBOX-PBI2H-1205F Datasheet
1,008Kb / 2P
   15-25 WATTS DC/DC SINGLE
PC2000 POWERBOX-PC2000 Datasheet
553Kb / 2P
   1000-2000 WATTS DC/DC SINGLE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com