Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM700 Datasheet(PDF) 1 Page - Powerbox

Part # SM700
Description  600-700 WATTS PROGRAMMABLE DC SUPPLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SM700 Datasheet(HTML) 1 Page - Powerbox

  SM700 Datasheet HTML 1Page - Powerbox SM700 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
464
SM 700 Series
600-700 W A TTS PROGRAMMABLE DC SUPPL Y
Features
• Constant voltage and constant current operation
• Parallel operation master/slave
• EMC standard EN61204-3
• Excellent response to load change
• CE marked
• Optional ethernet, RS232, IEEE 488 programming
• Natural convectional cooling
OPERATING
Efficiency
87%–89% .
Switching frequency
100kHz
Thermal protection
Yes
Programming
Analogue Programming of voltage and current by
0-5V.
Programming speed
See table
Master/Slave operation
Parallel and series operation with equal current
and voltage sharing. In this way two or more SM-
units can together be used as one high power unit.
Voltage and current of the units is controlled by the
master (by potentiometers or by programming).
Series operation up to 600V
Metering
Digital meters standard
Indicators
CV/CC mode, OVP triggered LEDs
MTBF
500,000hrs
BATTERY CHARGING
The CV/CC regulated power supplies are suitable for battery charging.
Ask for the special datasheet “BATTERY CHARGING WITH SM-series POWER
SUPPLIES”. This datasheet contains information about protective measures
against accidental battery reversing.
ENVIRONMENTAL
Operating temperature
-20°C to 50°C
Humidity
95% RH max, non condensing, up to 40 °C.
75% RH max, non condensing, up to 50 °C.
Storage temperature
-40°C to 85°C
Cooling
Natural convection
STANDARDS AND APPROVALS
Safety standards
EN60950 / EN61010
EMC standards
EN61204-3, EN61000-6-2
EMI standards
EN61000-6-3 (EN55022B)
MECHANICAL
Mounting
Bench or 19" rack mounting
Specifications
INPUT
Input voltage
90-132/185-265VAC
Frequency
48Hz–62Hz
Inrush current
6.5A @ 230Vac, 30A @ 110Vac.
Insulation
Input – Output: 3750V rms (8mm creepage)
Input – Case: 2500V rms
Output – Case: 600VDC
OUTPUT
Output voltage
See table
Output voltage adjustment
0%–100%
Output current
See table
Output current adjustment
0%–100%
Resolution
0.03% voltage and current control with 10 turn
potentiometers.
Overvoltage protection
SM1540-D: 0-17V, SM7020-D: 0-80V,
SM3004-D: 0-350V.
Overload protection
Yes
Short circuit protection
Yes
Temperature coefficient
CV: 5x10-5 per °C, CC: 1x10-4 per °C.
Load regulation
0%–100% load see table.
Line regulation
Line ±10% – see table.
Ripple & Noise
See table.
Stability
CV: 3x10-4, CC: 1x10-3
Output impedance
(0-100kHz)
SM1540: <40m
Ω, SM7020: <60mΩ,
SM3004: < 700m
Ω.
Recovery time
(50%–100% load step): 100µS; 150µS for SM
7020.
Remote sense
2V max. per lead compensation.


Similar Part No. - SM700

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM7002NSAN SINOPWER-SM7002NSAN Datasheet
233Kb / 11P
   N-Channel Enhancement Mode MOSFET
SM7002NSANC-TRG SINOPWER-SM7002NSANC-TRG Datasheet
233Kb / 11P
   N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
SM7002NSFC-TUG VBSEMI-SM7002NSFC-TUG Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Sinopower Semiconductor...
SM7003NSF SINOPWER-SM7003NSF Datasheet
253Kb / 10P
   N-Channel Enhancement Mode MOSFET
SM7003NSFC-TUG SINOPWER-SM7003NSFC-TUG Datasheet
253Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SM700

ManufacturerPart #DatasheetDescription
logo
Powerbox
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
logo
CINCON ELECTRONICS Corp...
CFB600 CINCON-CFB600 Datasheet
194Kb / 2P
   600 TO 700 WATTS 2:1 INPUT DC-DC CONVERTERS
logo
Powerbox
DLM5-350E POWERBOX-DLM5-350E Datasheet
133Kb / 3P
   3000-4000 WATTS PROGRAMMABLE DC SUPPLY
DCS8-140E POWERBOX-DCS8-140E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
logo
Sparkle Power Inc.
SPI700A8BB SPI-SPI700A8BB Datasheet
51Kb / 1P
   700 Watts ATX12V Switching Power Supply
R-SPI700GHN SPI-R-SPI700GHN Datasheet
526Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com