Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1208 Datasheet(PDF) 1 Page - JMK Inc.

Part # 1208
Description  Operating Voltage= 250 / 480 VAC 3 PH Wye OperatingCurrentMax= 80, 100amp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMK [JMK Inc.]
Direct Link  http://www.jmkfilters.com
Logo JMK - JMK Inc.

1208 Datasheet(HTML) 1 Page - JMK Inc.

  1208 Datasheet HTML 1Page - JMK Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1208 SERIES
USA
JMK Inc 15 Caldwell Dr.
Amherst, NH 03031
PH: 603 886-4100
FX: 603 886-4115
email: info@jmkfilters.com
EUR
JMK Inc
Glasgow G13 1DN Scotland UK
PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884
Operating Voltage= 250 / 480 VAC 3 PH Wye
OperatingCurrentMax= 80, 100amp
Operating Frequency= 50-60Hz
Temperature Range= -40 to 50 deg. C
Storage Temperature = -55 to 85 deg. C
DieWithstand(Ph to Case)= 1500V~ for 1 Min
DieWithstand (Ph to Ph)= 1500Vdc for 1 min
Leakage Current = 10 mA @ 250 VAC, 60Hz
Discharge after 1.0 sec.= 34V Max
JMK P/N Ordering Information:
80 amp M M-1208-80
100 amp MM-1208-100
This filter series is intended to provide very good
common mode and differential insertion loss for
high current 3 phase Wye sys tems. The compact
size makes it easy to fit into the rear of a 19.0in
equipment rack leaving more space for system
hardware. The standard construction is more than
adequate for most installation environments.
Should your application require operation in a
more severe environment JMK's engineering staff
can easily modify the mechanical construction to
meet the most severe design criteria.


Similar Part No. - 1208

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1208 MACOM-1208 Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Winchester Electronics ...
1208-46-5 WINCHESTER-1208-46-5 Datasheet
40Kb / 1P
   ADAPTER, F-F BULKHEAD, N(HERMETIC SEAL)
1208-50-5 WINCHESTER-1208-50-5 Datasheet
59Kb / 1P
   CAP AND SAFETY CHANN, BNC
logo
Heyco.
12080 HEYCO-12080 Datasheet
101Kb / 1P
   Vinyl Coated Steel Clamps
logo
LEMO Connectors
12080 LEMO-12080 Datasheet
86Kb / 4P
   B - Indoor keyed
More results

Similar Description - 1208

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
KK-0902-20-30 JMK-KK-0902-20-30 Datasheet
43Kb / 1P
   Operating Voltage = 250/480 Vac 3 PH Wye Operating Current Max= 20 & 30 amps
KK-0851-35 JMK-KK-0851-35 Datasheet
114Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
KF-0699C-20 JMK-KF-0699C-20 Datasheet
44Kb / 1P
   Operating Voltage = 250/480 Vac 3 PH Delta Operating Current Max= 20 amps
1182 JMK-1182 Datasheet
157Kb / 1P
   Operating Voltage= 115/250 Vac OperatingCurrentMax= 20, 30amp
1041 JMK-1041 Datasheet
72Kb / 1P
   Operating Voltage = 250/480 Vac Operating Current Max= 80 & 100 amps
EA-1013-12A JMK-EA-1013-12A Datasheet
32Kb / 1P
   Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
FF-1153-12.5 JMK-FF-1153-12.5 Datasheet
117Kb / 1P
   Operating Voltage = 250/480 Vac Operating Current Max= 12.5 amps
KK-0332-30 JMK-KK-0332-30 Datasheet
64Kb / 1P
   Operating Voltage= 250/440 Vac Operating Current Max= 30 amp/Ph
LL-2052-20 JMK-LL-2052-20 Datasheet
34Kb / 1P
   Operating voltage: 250 Vac
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com