Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V48A48M500BF Datasheet(PDF) 1 Page - Powerbox

Part # V48A48M500BF
Description  50 - 500W PCB MOUNTING COMPONENETS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

V48A48M500BF Datasheet(HTML) 1 Page - Powerbox

  V48A48M500BF Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
234
48V 2nd Gen
50-500W
PCB
MOUNTING
COMPONENTS
Features
Input Voltage: 36-75Vdc
Output Voltage: 2-48Vdc
Output Power (per module)
Micro: 150W, Mini: 250W, Maxi: 500W
Efficiency: Up to 90%
Agency Approvals: UL, CSA, TUV, VDE, BABT,CE
Marked, C-Tick
Specifications
GENERAL
UNITS
NOTES
Set point accuracy
±1%Vout nom
Nominal input;
Line regulation
±0.02%Vout nom.
Low line to high
Load regulation
±0.02%Vout nom.
No load to full
Temperature regulation
±0.002%Vout/°C
-20°C to 100oC
Ripple and noise, p-p
100 mV
Full load, 20MHz
Remote sense
compensation
0.5 Volts
Overvoltage set point
115% Vout nom.
Current limit
115% out max.
Vout 95% of
Efficiency: 5Vout
24Vout
83%
Nominal input;
88%
Programming range
10-110 % Vout nom.
Short circuit current
115% out max.
Output Voltage
Isolation voltage
3000 Vrms
Input to Output
(typical unless otherwise noted)
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Selection Table
OUTPUT VOLTAGE (VDC)
OUTPUT POWER (W)
MAXI
MINI
MICRO
2V
N/A
100
50
3.3V
264
150
75
5V
400
200
100/75/50
12V
500
250
150
15V
500
250
150
24V
500
250
150
28V
500
250
150
48V
500
250
150
Mechanical Drawings refer to page 237-238
Product Grade Specifications
E
C
T
H
M
Operating Temp. (°C) -10 to 100 -20 to 100 -40 to 100 -40 to 100
-55 to 100
Storage Temp. (°C) -20 to 125 -40 to 125 -40 to 125 -55 to 125
-65 to 125
Temp. Cycling
none
none
none
24 hours
24 hours
(°C)
(-55 to 125) (-65 to 125)
Burn-In
none
none
none
12 hours
24 hours
Low Temp.Test (°C)
none
none
none
-40°C
-55°C
High Temp.Test (°C)
none
none
none
100°C
100°C
Final Test Data
none
none
none
Part Numbering
48


Similar Part No. - V48A48M500BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48A48C500B VICOR-V48A48C500B Datasheet
150Kb / 8P
   48Vin / 48Vout / 500Watts DC-DC Converter Module
V48A48E24B VICOR-V48A48E24B Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V48A48E24B VICOR-V48A48E24B Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
V48A48E24B1 VICOR-V48A48E24B1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V48A48E24B1 VICOR-V48A48E24B1 Datasheet
241Kb / 8P
   FasTrak Micro E-Grade Family DC-DC Converter Module
More results

Similar Description - V48A48M500BF

ManufacturerPart #DatasheetDescription
logo
Powerbox
VI200 POWERBOX-VI200 Datasheet
533Kb / 2P
   50 - 200W PCB MOUNTING COMPONENETS
V30A48C500BL POWERBOX-V30A48C500BL Datasheet
506Kb / 1P
   50 - 500W PCB MOUNTING COMPONENTS
V375A48C500BL POWERBOX-V375A48C500BL Datasheet
544Kb / 1P
   50 - 600 WATTS MOUNTING COMPONENETS
V24A48C500BL POWERBOX-V24A48C500BL Datasheet
555Kb / 1P
   50 - 400W PCB MOUNTING COMPONENTS
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
Marl International Limi...
122-305-01 MARL-122-305-01_15 Datasheet
244Kb / 2P
   PCB MOUNTING LED
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Marl International Limi...
113-305-01 MARL-113-305-01 Datasheet
242Kb / 2P
   PCB MOUNTING LED
109-305-01 MARL-109-305-01_15 Datasheet
227Kb / 2P
   PCB MOUNTING LED
151-535-04 MARL-151-535-04_15 Datasheet
213Kb / 2P
   PCB MOUNTING LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com