Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD-2039C Datasheet(PDF) 5 Page - Bothhand USA, LP.

Part # AD-2039C
Description  ADSL CPE SIDE SPLITTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-2039C Datasheet(HTML) 5 Page - Bothhand USA, LP.

  AD-2039C Datasheet HTML 1Page - Bothhand USA, LP. AD-2039C Datasheet HTML 2Page - Bothhand USA, LP. AD-2039C Datasheet HTML 3Page - Bothhand USA, LP. AD-2039C Datasheet HTML 4Page - Bothhand USA, LP. AD-2039C Datasheet HTML 5Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ADSL CPE SIDE SPLITTER
P/N: AD-2039C DATA SHEET
BOTHHAND
USA
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
undesirable reflection and echoes which in long distance circuit the telephone user or destroy
the date being sent To perform the return loss test ,open ,short, load calibration must be done
prior measurement while the LCZ impedance Analyzer being selected in impedance mode.
Return loss is general expressed in decibels. General Return loss equation as below.
Return loss=20 log| ZNLr + Zm / ZNLr- Zm ︱dB
Where ZNL = the reference impedance
Zm= the measured impedance
The test setup is shown in drawing below:
Figure 2
1:ZNL-r=1330 ohm in parallel with series connection of a 348ohrn resistor and a 100nF
capacitor (long loop model seen from RT).
2:ZH-r is the impedance presented to the POTS connection by an ATU-R.
Remote POTS Splitter
Returloss reference impedance
900ohrn
+
2.16uF
TEST
Loop
LPF
ZH-r
TEST Equipment
xDSL
ZNL-r


Similar Part No. - AD-2039C

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-2031 BOTHHAND-AD-2031 Datasheet
54Kb / 1P
   ADSL LINE TRANSFORMER
AD-2032S BOTHHAND-AD-2032S Datasheet
57Kb / 1P
   ADSL LINE TRANSFORMER
AD-2037S BOTHHAND-AD-2037S Datasheet
56Kb / 1P
   ADSL LINE TRANSFORMER
AD-2037SA BOTHHAND-AD-2037SA Datasheet
299Kb / 1P
   ADSL LINE TRANSFORMER
More results

Similar Description - AD-2039C

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
AD-320UK BOTHHAND-AD-320UK Datasheet
100Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-8039J BOTHHAND-AD-8039J Datasheet
343Kb / 9P
   ADSL CPE SIDE SPLITTER
AD-8039 BOTHHAND-AD-8039 Datasheet
114Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-8039E BOTHHAND-AD-8039E Datasheet
115Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-9063 BOTHHAND-AD-9063 Datasheet
109Kb / 2P
   ADSL CPE SIDE SPLITTER
AD-6001A BOTHHAND-AD-6001A Datasheet
249Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001B BOTHHAND-AD-6001B Datasheet
252Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6001 BOTHHAND-AD-6001 Datasheet
250Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-6003 BOTHHAND-AD-6003 Datasheet
261Kb / 1P
   ADSL CPE SIDE SPLITTER
AD-8039F BOTHHAND-AD-8039F Datasheet
396Kb / 1P
   ADSL CPE SIDE SPLITTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com