Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B4-1209DS Datasheet(PDF) 2 Page - Bothhand USA, LP.

Part # B4-1209DS
Description  0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

B4-1209DS Datasheet(HTML) 2 Page - Bothhand USA, LP.

  B4-1209DS Datasheet HTML 1Page - Bothhand USA, LP. B4-1209DS Datasheet HTML 2Page - Bothhand USA, LP. B4-1209DS Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B4 - DIL Series
0.6 to 1.5 Watt Isolated DC-DC Converter
Single Regulated Output
BOTHHAND USA. http://www.bothhand.com
4. Model Selection Guide:
4.1. 1K Vdc Isolation - Single output
( Specifications typical at Ta = +25 ℃, Nominal input voltage, Rated output current unless otherwise noted )
Bothhand
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@ No Load
(mA) Typ.
Input Current
@ Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%) Typ.
B4-0503DS
3.0
200
28
193
50
± 0.5
62
B4-053R3DS
3.3
200
28
212
50
± 0.5
62
B4-0505DS
5.0
200
28
312
50
± 0.5
64
B4-0509DS
9.0
150
26
421
60
± 0.5
64
B4-0512DS
5
12.0
100
26
375
80
± 0.5
64
B4-1203DS
3.0
200
18
81
50
± 0.5
62
B4-123R3DS
3.3
200
18
88
50
± 0.5
62
B4-1205DS
5.0
200
18
130
50
± 0.5
64
B4-1209DS
9.0
150
18
176
60
± 0.5
64
B4-1212DS
12
12.0
100
18
156
80
± 0.5
64
B4-2403DS
3.0
200
5
40
50
± 0.5
62
B4-243R3DS
3.3
200
5
43
50
± 0.5
63
B4-2405DS
5.0
200
4
64
50
± 0.5
65
B4-2409DS
9.0
150
4
88
60
± 0.5
64
B4-2412DS
24
12.0
100
4
78
80
± 0.5
64
B4-xxxxDS
Notes:
1.
B4-xxxxDS is for Customer Design.
2.
Load regulation is for output current change from 0 % to 100 % Max. Load.
Mechanical Dimension:
Pin
1K Vdc - Single
Pin
1
-Vin
+Vin
14
2
13
3
---
12
4
Vo (-)
11
5
---
10
6
---
Vo (+)
9
7
NC
---
8
Note:” --- “ means Omitted
Units : mm ( inch )
Tolerance : .xx ± 0.25
( ± 0.01 )


Similar Part No. - B4-1209DS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B4-1209DS(H)LF BOTHHAND-B4-1209DS(H)LF Datasheet
629Kb / 2P
   6~1.5W Isolated DC/DC Converter
More results

Similar Description - B4-1209DS

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B4-0503SS BOTHHAND-B4-0503SS Datasheet
227Kb / 3P
   0.6 to 1.5 Watt Isolated DC-DC Converter Single Regulated Output
BC-053R6S1 BOTHHAND-BC-053R6S1_1 Datasheet
466Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B5-053R6S1 BOTHHAND-B5-053R6S1 Datasheet
860Kb / 5P
   1.5 to 3 Watt Isolated DC-DC Converter Single / Dual Regulated Output
B2-0503S BOTHHAND-B2-0503S Datasheet
230Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
B2-0503D BOTHHAND-B2-0503D Datasheet
217Kb / 3P
   0.6 to 1 Watt Isolated DC-DC Converter Dual Split Regulated Output
BC-053R6S1 BOTHHAND-BC-053R6S1 Datasheet
1Mb / 5P
   1.5 to 3 W att Isolated DC-DC Converter Single / Dual Regulated Output
BA-053R3S BOTHHAND-BA-053R3S Datasheet
165Kb / 2P
   0.5 to 1 Watt Isolated DC-DC Converter Single Output
logo
Astrodyne Corporation
ASD105 ASTRODYNE-ASD105 Datasheet
754Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5_16 Datasheet
173Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
logo
Microdc power Technolog...
IF-XS-2W MICRODC-IF-XS-2W Datasheet
467Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Single Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com