Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD8801-2BG-XX Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LMD8801-2BG-XX
Description  DOT MATRIX DIGIT LED DISPLAY (0.787Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LMD8801-2BG-XX Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LMD8801-2BG-XX Datasheet HTML 1Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 2Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 3Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 4Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 5Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 6Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 7Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 8Page - LIGITEK electronics co., ltd. LMD8801-2BG-XX Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Luminous Intensity Matching Ratio
Luminous Intensity Per Chip
Test Condition For Each Parameter
Parameter
Reverse Current Any Chip
Spectral Line Half-Width
Peak Wavelength
Forward Voltage Per Chip
Symbol
Unit
Test Condition
IV-M
Ir
μA
△λ
Iv
λP
Vf
mcd
nm
nm
volt
Vr=5V
If=20mA
If=10mA
If=20mA
If=20mA
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/8
PART NO. LMD8801/2BG-XX/RP33-PF


Similar Part No. - LMD8801-2BG-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8801-2BHRF-XX-PF LIGITEK-LMD8801-2BHRF-XX-PF Datasheet
179Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.787Inch)
More results

Similar Description - LMD8801-2BG-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8801-2BHRF-XX-PF LIGITEK-LMD8801-2BHRF-XX-PF Datasheet
179Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.787Inch)
LMD8821-2DHRF9UG-XX-PF LIGITEK-LMD8821-2DHRF9UG-XX-PF Datasheet
194Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2A9UG-XX-PF LIGITEK-LMD8811-2A9UG-XX-PF Datasheet
173Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8811-2AHY-XX-PF LIGITEK-LMD8811-2AHY-XX-PF Datasheet
199Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY
LMD8821-2DHRFVG-XX LIGITEK-LMD8821-2DHRFVG-XX Datasheet
177Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD8821-2HEGR-XX-PF LIGITEK-LMD8821-2HEGR-XX-PF Datasheet
199Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (2.3Inch)
LMD5701-2AVY-XX-PF LIGITEK-LMD5701-2AVY-XX-PF Datasheet
152Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (0.68Inch)
LMD5741-2BY-XX LIGITEK-LMD5741-2BY-XX Datasheet
141Kb / 8P
   DOT MATRIX DIGIT LED DISPLAY (4.0Inch)
LMD8811-2AHRF9UG-XX-PF LIGITEK-LMD8811-2AHRF9UG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD8811-2JHR-XX-PF LIGITEK-LMD8811-2JHR-XX-PF Datasheet
211Kb / 10P
   DOT MATRIX DIGIT LED DISPLAY (1.84Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com