Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD8811-2ESR-XX-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LMD8811-2ESR-XX-PF
Description  DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LMD8811-2ESR-XX-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LMD8811-2ESR-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LMD8811-2ESR-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1/8
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Package Dimensions
LMD8811/2ESR-XX-PF
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
32.0
(1.26")
24.0
(0.945")
6.0
±0.5
2.54X7=17.78
(0.7")
PIN NO.1
4.0X7=28.0(1.102")
LMD8811/2ESR-XX-PF
LIGITEK
4.0X7=
28.0(1.102")
ψ3.0(0.118")
32.0(1.26")
8.0(0.315")
Ø 0.51
TYP


Similar Part No. - LMD8811-2ESR-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8811-2EVG-XX-PF LIGITEK-LMD8811-2EVG-XX-PF Datasheet
167Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
More results

Similar Description - LMD8811-2ESR-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LMD8811-2AHRF9UG-XX-PF LIGITEK-LMD8811-2AHRF9UG-XX-PF Datasheet
216Kb / 11P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2AH-XX LIGITEK-LMD5711-2AH-XX Datasheet
112Kb / 8P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2AHR-XX-PF LIGITEK-LMD5711-2AHR-XX-PF Datasheet
183Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2AE-XX LIGITEK-LMD5711-2AE-XX Datasheet
112Kb / 8P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2AY-XX LIGITEK-LMD5711-2AY-XX Datasheet
112Kb / 8P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2F9UG-XX-PF LIGITEK-LMD5711-2F9UG-XX-PF Datasheet
150Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2AG-XX LIGITEK-LMD5711-2AG-XX Datasheet
112Kb / 8P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2ASR-XX-PF LIGITEK-LMD5711-2ASR-XX-PF Datasheet
179Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2ASR-XX LIGITEK-LMD5711-2ASR-XX Datasheet
112Kb / 8P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
LMD5711-2FHRF-XX-PF LIGITEK-LMD5711-2FHRF-XX-PF Datasheet
150Kb / 9P
   DOT MATRIX DIGIT LED DISPLAY (1.2Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com