Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1S001 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # LT1S001
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

LT1S001 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  LT1S001 Datasheet HTML 1Page - Bothhand USA, LP. LT1S001 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“LAN-MATE” SERIES
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
P/N : LT1S001
Page : 1/2
Prepared :Luo Ming Li
Checked by: Xu Wenbing
Approved : Alexander Wu
Drawing no.: Pulse Transformer
REV.:A3
Date : 2001/08/07
A. General Specifications
1. RJ-45 connector integrated with X’FMER/Impedance Resistor/High voltage capacitor
2. Size same as RJ-45 connector to save PCH Board space.
3. Reduce EMI radiation, improve EMI performance.
4. Complies with IEEE802.3 standards
B. Electrical Specifications@25° C
1. Turns Ratio(±5%): TX=1CT:1.414CT & RX=1:1
3. Inductance: 200µH Min. @0.2V/100KHz
4. Leakage Inductance (TX & RX) : 0.5µH Max
5. Inter winding Capacitance (TX & RX) : 14pF Max.
6. HI-POT Isolation: 1500 Vrms
C. Schematic:


Similar Part No. - LT1S001

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LT1S010 BOTHHAND-LT1S010 Datasheet
62Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S010-43 BOTHHAND-LT1S010-43 Datasheet
136Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS AND LEDS
LT1S021 BOTHHAND-LT1S021 Datasheet
78Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S022 BOTHHAND-LT1S022 Datasheet
77Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023 BOTHHAND-LT1S023 Datasheet
63Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
More results

Similar Description - LT1S001

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LT1S021 BOTHHAND-LT1S021 Datasheet
78Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023B BOTHHAND-LT1S023B Datasheet
75Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1S022 BOTHHAND-LT1S022 Datasheet
77Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S103 BOTHHAND-LT1S103 Datasheet
125Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S104A BOTHHAND-LT1S104A Datasheet
111Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1T104A BOTHHAND-LT1T104A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023LF BOTHHAND-LT1S023LF Datasheet
93Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE-T MAGNETICS
LT1S023 BOTHHAND-LT1S023 Datasheet
63Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S010 BOTHHAND-LT1S010 Datasheet
62Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1T010A BOTHHAND-LT1T010A Datasheet
113Kb / 2P
   SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com