Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMV0805M Datasheet(PDF) 1 Page - Ceramate Technical

Part # SMV0805M
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

SMV0805M Datasheet(HTML) 1 Page - Ceramate Technical

  SMV0805M Datasheet HTML 1Page - Ceramate Technical SMV0805M Datasheet HTML 2Page - Ceramate Technical SMV0805M Datasheet HTML 3Page - Ceramate Technical SMV0805M Datasheet HTML 4Page - Ceramate Technical SMV0805M Datasheet HTML 5Page - Ceramate Technical SMV0805M Datasheet HTML 6Page - Ceramate Technical SMV0805M Datasheet HTML 7Page - Ceramate Technical SMV0805M Datasheet HTML 8Page - Ceramate Technical SMV0805M Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TYPE
SMV0805M
□□□KRR MODEL
PAGE
1/9
CITATION
DATE
Feb. 03, 2009
SUBJECT
Structure
REV.
C01
1. STRUCTURE
NO.
ITEM
DESCRIPTION
1.1
Main Material
Zinc Oxide
1.2
End termination
Ag/Ni/Sn
1.3
Packaging
Reel
1.4
Complies with
Standard
IEC61000-4-5
1.5 Complies with RoHS
Standard
Yes
1.6
Lead content
< 1000ppm
1.7
Reflow solder profile
temperature
(Recommend)
250 ℃
L
2.00 ± 0.20
W
1.25 ± 0.15
T(max.)
1.20
a
0.3 ±0.1
1.8
Dimensions


Similar Part No. - SMV0805M

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
SMV0850A ZCOMM-SMV0850A Datasheet
39Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
SMV0850A ZCOMM-SMV0850A Datasheet
73Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SMV0850A ZCOMM-SMV0850A_10 Datasheet
73Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
SMV0850C-LF ZCOMM-SMV0850C-LF Datasheet
72Kb / 2P
   Voltage-Controlled Oscillator
SMV0868A-LF ZCOMM-SMV0868A-LF Datasheet
73Kb / 2P
   Voltage-Controlled Oscillator Surface Mount Module
More results

Similar Description - SMV0805M

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com