Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210A180KRR Datasheet(PDF) 8 Page - Ceramate Technical

Part # 1210A180KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

1210A180KRR Datasheet(HTML) 8 Page - Ceramate Technical

  1210A180KRR Datasheet HTML 1Page - Ceramate Technical 1210A180KRR Datasheet HTML 2Page - Ceramate Technical 1210A180KRR Datasheet HTML 3Page - Ceramate Technical 1210A180KRR Datasheet HTML 4Page - Ceramate Technical 1210A180KRR Datasheet HTML 5Page - Ceramate Technical 1210A180KRR Datasheet HTML 6Page - Ceramate Technical 1210A180KRR Datasheet HTML 7Page - Ceramate Technical 1210A180KRR Datasheet HTML 8Page - Ceramate Technical 1210A180KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TYPE
SMV1210A
□□□KRR MODEL
PAGE
8/9
CITATION
DATE
Feb. 13, 2009
SUBJECT
Packaging Specification
REV.
C01
6. PACKAGING SPECIFICATION
6.1 Carrier tape and transparent cover tape should be heat-sealed to carry the products, and the reel should be
used to reel the carrier tape.
6.2 The adhesion of the heat-sealed cover tape shall be 40 +20/ -15grams.
6.3 Both the head and the end portion of the taping shall be empty for reel package and SMT auto-pickup machine.
And a normal paper tape shall be connected in the head of taping for the operator to handle
Symbol
A0
±0.10
B0
±0.10
K0
±0.10
T
±0.05
T2
±0.05
D0
+0.10
-0.00
D1
±0.05
P1
±0.10
P2
±0.05
P0
±0.05
W
±0.20
E
±0.10
F
±0.05
mm
2.78
3.46
1.55
0.22
1.77
1.50
1.00
4.00
2.00
4.00
8.00
1.75
3.50


Similar Part No. - 1210A180KRR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210A100JA11A AVX-1210A100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210A100JA13A AVX-1210A100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210A100JA19A AVX-1210A100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210A100JAT1A AVX-1210A100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210A100JAT3A AVX-1210A100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1210A180KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV2220A CERAMATE-SMV2220A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com