Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2220A470KRR Datasheet(PDF) 3 Page - Ceramate Technical

Part # 2220A470KRR
Description  Zinc Oxide
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

2220A470KRR Datasheet(HTML) 3 Page - Ceramate Technical

  2220A470KRR Datasheet HTML 1Page - Ceramate Technical 2220A470KRR Datasheet HTML 2Page - Ceramate Technical 2220A470KRR Datasheet HTML 3Page - Ceramate Technical 2220A470KRR Datasheet HTML 4Page - Ceramate Technical 2220A470KRR Datasheet HTML 5Page - Ceramate Technical 2220A470KRR Datasheet HTML 6Page - Ceramate Technical 2220A470KRR Datasheet HTML 7Page - Ceramate Technical 2220A470KRR Datasheet HTML 8Page - Ceramate Technical 2220A470KRR Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TYPE
SMV2220A
□□□KRR MODEL
PAGE
3/9
CITATION
DATE
Feb. 13, 2009
SUBJECT
Electrical Characteristics
REV.
C01
Table 2.1 Electrical Characteristics
Part
Number
Maximum
Allowable
Voltage
Varistor
Voltage
Max.
Clamping
Voltage
Withstanding
Surge Current Energy Capacitance
Symbol
AC
DC
V(1mA)
V(
2)
A(
3)
J
PF(
1)
(kHz)
2220A180KRR
11
14
18 (15.3~20.7 )
30
1200
5.4
10500
2220A240KRR
14
18
24( 21.6~26.4 )
39
1200
5.8
8500
2220A270KRR
17
22
27( 24.3~29.7 )
44
1200
7.2
8300
2220A390KRR
25
30
39( 35.1~42.9 )
65
1200
9.6
6000
2220A470KRR
30
38
47(42.3~51.7 )
77
1200
12
4000


Similar Part No. - 2220A470KRR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
2220A100JA11A AVX-2220A100JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2220A100JA13A AVX-2220A100JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2220A100JA19A AVX-2220A100JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2220A100JAT1A AVX-2220A100JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
2220A100JAT3A AVX-2220A100JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 2220A470KRR

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
   Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
   Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
   Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
   Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1812A CERAMATE-SMV1812A Datasheet
250Kb / 9P
   Zinc Oxide
SMV1206M CERAMATE-SMV1206M Datasheet
251Kb / 9P
   Zinc Oxide
SMV0603M CERAMATE-SMV0603M Datasheet
251Kb / 9P
   Zinc Oxide
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com