Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62064F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TD62064F
Description  4CH HIHG-CURRENT DARLINGTON SINK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62064F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62064F Datasheet HTML 1Page - Toshiba Semiconductor TD62064F Datasheet HTML 2Page - Toshiba Semiconductor TD62064F Datasheet HTML 3Page - Toshiba Semiconductor TD62064F Datasheet HTML 4Page - Toshiba Semiconductor TD62064F Datasheet HTML 5Page - Toshiba Semiconductor TD62064F Datasheet HTML 6Page - Toshiba Semiconductor TD62064F Datasheet HTML 7Page - Toshiba Semiconductor TD62064F Datasheet HTML 8Page - Toshiba Semiconductor TD62064F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TD62064,074P/AP/F/AF
2001-06-04
2
TD62064F / AF
TD62074F / AF
SCHEMATICS (EACH DRIVER)
TD62064P / AP / F / AF
TD62074P / AP / F / AF
Note:
The input and output parasitic diodes cannot be used as clamp diodes.
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
P, F
−0.5~35
Output Sustaining
Voltage
AP, AF
VCE (SUS)
−0.5~50
V
Output Current
IOUT
1.5
A / ch
Input Current
IIN
50
mA
Input Voltage
VIN
−0.5~17
V
P, F
35
Clamp Diode
Reverse Voltage
AP, AF
VR (Note 1)
50
V
Clamp Diode Forward Current
IF (Note 1)
1.5
A / ch
P, F
35
Isolated Voltage
AP, AF
VSUB
(Note 2)
50
V
P, AP
1.47 / 2.7 (Note 3)
Power Dissipation
F, AF
PD
0.9 / 1.4 (Note 4)
W
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: TD62064P / AP / F / AF
Note 2: TD62074P / AP / F / AF
Note 3: On Glass Epoxy PCB (50 × 50 × 1.6 mm Cu 50%)
Note 4: On Glass Epoxy PCB (60 × 30 × 1.6 mm Cu 30%)


Similar Part No. - TD62064F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62064F TOSHIBA-TD62064F Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Similar Description - TD62064F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064P TOSHIBA-TD62064P Datasheet
345Kb / 9P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064APG TOSHIBA-TD62064APG Datasheet
246Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com