Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRGB9Q53-TR1 Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LRGB9Q53-TR1
Description  PLCC TYPE RGB LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LRGB9Q53-TR1 Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

Back Button LRGB9Q53-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LRGB9Q53-TR1 Datasheet HTML 10Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3.0
2.5
1.5
1.0
0.5
0.0
2.0
Fig.4 Relative Intensity vs. Temperature
Wavelength (nm)
450
0.0
0.5
500
550
600
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
-40
0.8
-20
1.1
1.0
0.9
1.2
20
0
60
40
100
80
Ambient Temperature(
)
-40
-20
0
20
60
40
100
80
3.0
2.5
2.0
1.5
1.0
0.5
0.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Fig.2 Relative Intensity vs. Forward Current
Typical Electro-Optical Characteristics Curve
2.0
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
100
1.0
0.1
1.0
10
DGM CHIP
1000
3.0
4.0
5.0
1000
Forward Current(mA)
1.0
10
100
Page 5/9
Fig.6 Directive Radiation
75%
100%
50%
-60
°
-30
°
0
°
50%
0
25%
25%
100%
75%
60
°
30
°
PART NO. LRGB9Q53/TR1


Similar Part No. - LRGB9Q53-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB9Q53-TR1-B01 LIGITEK-LRGB9Q53-TR1-B01 Datasheet
486Kb / 15P
   SUELACE MOUNT LED TAPE AND REEL
LRGB9Q53-TR1-J LIGITEK-LRGB9Q53-TR1-J Datasheet
872Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LRGB9Q53-TR1A LIGITEK-LRGB9Q53-TR1A Datasheet
223Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - LRGB9Q53-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LRGB9Q53-R1-2-TR1 LIGITEK-LRGB9Q53-R1-2-TR1 Datasheet
172Kb / 10P
   PLCC TYPE RGB LED
LRGB9Q53-S1-TR1 LIGITEK-LRGB9Q53-S1-TR1 Datasheet
172Kb / 10P
   PLCC TYPE RGB LED
logo
American Bright OPTOELE...
BB-HGRJTBM32K-TRB-1 AMERICANBRIGHT-BB-HGRJTBM32K-TRB-1 Datasheet
339Kb / 9P
   RGB IC (PLCC/EMC) LED Components
Ver1.0
BB-HRGB1818-B AMERICANBRIGHT-BB-HRGB1818-B Datasheet
470Kb / 8P
   RGB IC (PLCC/EMC) LED Components
Ver1.0
BB-HRGB32M-TRB-1 AMERICANBRIGHT-BB-HRGB32M-TRB-1 Datasheet
445Kb / 9P
   RGB IC (PLCC/EMC) LED Components
Ver1.1
BB-HRGB32K-TRB-1 AMERICANBRIGHT-BB-HRGB32K-TRB-1 Datasheet
391Kb / 9P
   RGB IC (PLCC/EMC) LED Components
Ver1.0
BL-HBGR32L-3-TRB-8 AMERICANBRIGHT-BL-HBGR32L-3-TRB-8 Datasheet
405Kb / 10P
   RGB IC (PLCC/EMC) LED Components
Ver2.2
BB-HRGB39P-TRB-1 AMERICANBRIGHT-BB-HRGB39P-TRB-1 Datasheet
404Kb / 9P
   RGB IC (PLCC/EMC) LED Components
Ver1.0
logo
P-tec Corporation
PL008-WCRGB084319 P-TEC-PL008-WCRGB084319 Datasheet
23Kb / 1P
   Full Color RGB SMD LED PLCC-4 Package
PL008-WCRGB092108 P-TEC-PL008-WCRGB092108 Datasheet
33Kb / 3P
   Full Color RGB SMD LED PLCC-4 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com